Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01-FCT6TP/S Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24C01-FCT6TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-FCT6TP/S Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24C01-FCT6TP/S Datasheet HTML 23Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 24Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 25Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 26Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 27Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 28Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 29Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 30Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Package mechanical data
Doc ID 5067 Rev 16
27/39
Table 18.
M24C08: Thin WLCSP (0.3 mm height), 0.4 mm pitch, 5 bumps, package
data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.3
0.270
0.330
0.0118
0.0096
0.014
A1
0.1
0.0039
A2
0.2
0.0079
b
0.16
0.0063
D
1.215
1.34
0.0478
0.0528
E
1.025
1.15
0.0404
0.0453
e
0.4
0.0157
e1
0.693
0.0273
e2
0.346
0.0136
F
0.313
0.0123
G
0.261
0.0103
N(3)
3.
N is the total number of terminals.
55
Table 19.
M24C16: WLCSP (0.5 mm height) 0.4 mm pitch, 5 bumps, package data(1)
1.
Preliminary data.
Symbol
millimeters
inches(2)
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ
Min
Max
Typ
Min
Max
A
0.545
0.495
0.595
0.0215
0.0195
0.0234
A1
0.19
0.165
0.215
0.0075
0.0065
0.0085
A2
0.355
0.33
0.38
0.014
0.013
0.015
b
0.27
0.24
0.3
0.0106
0.0094
0.0118
D
1.255
1.235
1.275
0.0494
0.0486
0.0502
E
1.210
1.190
1.230
0.0476
0.0469
0.0484
e
0.4
0.0157
e1
0.693
0.0273
e2
0.346
0.0136
F
0.405
0.0159
G
0.281
0.0111
N(3)
3.
N is the total number of terminals.
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com