Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01-FCT6TP/S Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24C01-FCT6TP/S
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-FCT6TP/S Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24C01-FCT6TP/S Datasheet HTML 31Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 32Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 33Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 34Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 35Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 36Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 37Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 38Page - STMicroelectronics M24C01-FCT6TP/S Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Revision history
Doc ID 5067 Rev 16
37/39
30-Jan-2009
11
Section 2.4: Supply voltage (VCC) clarified.
Figure 5: Maximum RP value versus bus parasitic capacitance (C) for an
I²C bus updated.
IOL added to Table 5: Absolute maximum ratings. ICC1 test conditions
clarified in DC characteristics Table 9, Table 10, Table 11 and Table 12.
Note modified below Table 14: Input parameters.
tXH1XH2 and tXL1XL2 added to Table 15: AC characteristics at 400 kHz (I2C
Fast-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F), note 4 removed.
Figure 12: AC waveforms updated.
WLCSP package added (refer to Figure 3 and Section 7: Package
mechanical data).
In Section 7: Package mechanical data:
– ECOPACK text added
– inch values calculated from millimeters and rounded to four decimal
digits
– UFDFPN package specifications updated
Small text changes.
11-Mar-2009
12
Timings for 100 kHz I2C Standard-mode added (see Table 16: AC
characteristics at 100 kHz (I2C Standard-mode) (M24Cxx-W, M24Cxx-R,
M24Cxx-F).
28-May-2009
13
Added Thin WLCSP package.
Added Table 19: M24C16: WLCSP (0.5 mm height) 0.4 mm pitch, 5
bumps, package data.
Updated available devices in Table 25, Table 26, Table 27, Table 28, and
Table 29.
02-Mar-2010
14
Package ECOPACK1 or ECOPACK2 category specified.
Section 3.1: Start condition and Section 3.6: Write operations updated.
ILO test conditions modified in Table 9: DC characteristics (M24Cxx-W,
device grade 6), Table 10: DC characteristics (M24Cxx-W, device grade 3)
and Table 11: DC characteristics (M24Cxx-R).
Table 15: AC characteristics at 400 kHz (I2C Fast-mode) (M24Cxx-W,
M24Cxx-R, M24Cxx-F) modified.
tDL1DL2 renamed as tQL1QL2 in Table 16: AC characteristics at 100 kHz (I2C
Standard-mode) (M24Cxx-W, M24Cxx-R, M24Cxx-F).
Figure 12: AC waveforms updated.
Table 30.
Document revision history (continued)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com