Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW13NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW13NK60Z
Description  N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW13NK60Z Datasheet HTML 1Page - STMicroelectronics STW13NK60Z Datasheet HTML 2Page - STMicroelectronics STW13NK60Z Datasheet HTML 3Page - STMicroelectronics STW13NK60Z Datasheet HTML 4Page - STMicroelectronics STW13NK60Z Datasheet HTML 5Page - STMicroelectronics STW13NK60Z Datasheet HTML 6Page - STMicroelectronics STW13NK60Z Datasheet HTML 7Page - STMicroelectronics STW13NK60Z Datasheet HTML 8Page - STMicroelectronics STW13NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2009
Doc ID 8527 Rev 7
1/18
18
STB13NK60ZT4, STP13NK60Z
STP13NK60ZFP, STW13NK60Z
N-channel 600 V, 0.48
Ω, 13 A, TO-220, TO-220FP, D2PAK
TO-247 Zener-protected SuperMESH™ Power MOSFET
Features
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatability
Application
■ Switching applications
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STB13NK60ZT4
STP13NK60ZFP
STP13NK60Z
STW13NK60Z
600 V
600 V
600 V
600 V
<0.55
Ω
<0.55
Ω
<0.55
Ω
<0.55
Ω
13 A
13 A
13 A
13 A
150 W
35 W
150 W
150 W
1
3
1
2
3
1
2
3
1
2
3
TO-247
TO-220
D²PAK
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB13NK60ZT4
B13NK60Z
D²PAK
Tape and reel
STP13NK60ZFP
P13NK60ZFP
TO-220FP
Tube
STP13NK60Z
P13NK60Z
TO-220
Tube
STW13NK60Z
W13NK60Z
TO-247
Tube
www.st.com


Similar Part No. - STW13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW13NK60Z STMICROELECTRONICS-STW13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STW13NK60Z STMICROELECTRONICS-STW13NK60Z Datasheet
369Kb / 17P
N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
12-Sep-2005
STW13NK60Z STMICROELECTRONICS-STW13NK60Z Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
logo
Inchange Semiconductor ...
STW13NK60Z ISC-STW13NK60Z Datasheet
359Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
N-channel 600 V - 1 Ω - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
22-Nov-2007
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
STB11NK50Z STMICROELECTRONICS-STB11NK50Z_08 Datasheet
415Kb / 16P
N-channel 500 V, 0.48 Ω , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
29-Apr-2008
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
N-channel 500 V, 0.23 Ω, 17 A SuperMESH™Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
26-Nov-2009
STB9NK90Z STMICROELECTRONICS-STB9NK90Z_10 Datasheet
997Kb / 17P
N-channel 900 V, 1.1 Ω, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH™Power MOSFET
19-May-2010
STF16NK60Z STMICROELECTRONICS-STF16NK60Z Datasheet
751Kb / 15P
N-channel 600 V, 038 Ω, 14 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™Power MOSFET
04-Dec-2009
STP13NK60ZT4 STMICROELECTRONICS-STP13NK60ZT4 Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com