Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW13NK60Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW13NK60Z
Description  N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW13NK60Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW13NK60Z Datasheet HTML 6Page - STMicroelectronics STW13NK60Z Datasheet HTML 7Page - STMicroelectronics STW13NK60Z Datasheet HTML 8Page - STMicroelectronics STW13NK60Z Datasheet HTML 9Page - STMicroelectronics STW13NK60Z Datasheet HTML 10Page - STMicroelectronics STW13NK60Z Datasheet HTML 11Page - STMicroelectronics STW13NK60Z Datasheet HTML 12Page - STMicroelectronics STW13NK60Z Datasheet HTML 13Page - STMicroelectronics STW13NK60Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Test circuits
STB13NK60ZT4, STx13NK60Z, STP13NK60ZFP
10/18
Doc ID 8527 Rev 7
3
Test circuits
Figure 20.
Switching times test circuit for
resistive load
Figure 21.
Gate charge test circuit
Figure 22.
Test circuit for inductive load
switching and diode recovery times
Figure 23.
Unclamped inductive load test
circuit
Figure 24.
Unclamped inductive waveform
Figure 25.
Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com