Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890BDR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST890BDR
Description  1.2 A current limited high side power switch with thermal shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890BDR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST890BDR Datasheet HTML 12Page - STMicroelectronics ST890BDR Datasheet HTML 13Page - STMicroelectronics ST890BDR Datasheet HTML 14Page - STMicroelectronics ST890BDR Datasheet HTML 15Page - STMicroelectronics ST890BDR Datasheet HTML 16Page - STMicroelectronics ST890BDR Datasheet HTML 17Page - STMicroelectronics ST890BDR Datasheet HTML 18Page - STMicroelectronics ST890BDR Datasheet HTML 19Page - STMicroelectronics ST890BDR Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ST890
Revision history
19/20
4
Revision history
Table 13.
Document revision history
Date
Revision
Changes
22-Jul-2005
4
Added 3 rows on Table 2 on page 3
10-Aug-2007
5
Removed ST890CD and ST890BD from Table 1 on page 1
Updated short circuit current limit value in Table 8 on page 6
1-Dec-2007
6
Added Section : Contents.
Added ST890D and related DFN8L package information.
Added Figure 2: DFN8L (3 x 3 mm) pin connection (top view) on
page 4.
Figure 3: Schematic diagram on page 5: redrawn, no content
change.
Modified title in Table 5: Truth table for FAULT on page 5.
Updated Table 8: Electrical characteristics on page 6.
Figure 4: Typical application circuit on page 8: redrawn, no content
change.
13-Oct-2008
7
Updated: Table 2 on page 3, Table 3 on page 4.
Added: Section 2.1: Functional description on page 9 and Figure 12
on page 17.
04-Mar-2009
8
Replaced ST890B, ST890C and ST890D with ST890.
Modified: Table 6: Absolute maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com