Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST890BDR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST890BDR
Description  1.2 A current limited high side power switch with thermal shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST890BDR Datasheet(HTML) 3 Page - STMicroelectronics

  ST890BDR Datasheet HTML 1Page - STMicroelectronics ST890BDR Datasheet HTML 2Page - STMicroelectronics ST890BDR Datasheet HTML 3Page - STMicroelectronics ST890BDR Datasheet HTML 4Page - STMicroelectronics ST890BDR Datasheet HTML 5Page - STMicroelectronics ST890BDR Datasheet HTML 6Page - STMicroelectronics ST890BDR Datasheet HTML 7Page - STMicroelectronics ST890BDR Datasheet HTML 8Page - STMicroelectronics ST890BDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ST890
Device summary
3/20
1
Device summary
Figure 1.
SO-8 pin connection (top view)
Table 2.
SO-8 pin description
Pin N.
Symbol
Name and function
1, 2
IN
Input P-channel MOSFET source. Bypass IN with a 1
μF
capacitor to ground
3ON
Active low switch ON input. A logic low turns the switch ON
4
GND
Ground
5
SET
Set current limit input. A resistor from SET to GND sets the
current limit for the switch. RSET = 1.24x1110/ ILIM, where
ILIM is the desired current limit in Amperes
6,7
OUT
Switch output. P-channel MOSFET drain. Bypass OUT with
a 0.1
μF capacitor to ground
8FAULT
Fault indicator output. This open drain output goes low
when in current limit or when the die temperature exceeds
135°C
1
2
3
4
8
7
6
5
IN
IN
ON
GND
FAULT
OUT
OUT
SET
CS07570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com