Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3157 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG3157
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Datasheet(HTML) 5 Page - STMicroelectronics

  STG3157 Datasheet HTML 1Page - STMicroelectronics STG3157 Datasheet HTML 2Page - STMicroelectronics STG3157 Datasheet HTML 3Page - STMicroelectronics STG3157 Datasheet HTML 4Page - STMicroelectronics STG3157 Datasheet HTML 5Page - STMicroelectronics STG3157 Datasheet HTML 6Page - STMicroelectronics STG3157 Datasheet HTML 7Page - STMicroelectronics STG3157 Datasheet HTML 8Page - STMicroelectronics STG3157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STG3157
Electrical characteristics
Doc ID 9007 Rev 2
5/18
3
Electrical characteristics
3.1
DC Electrical characteristics
Table 6.
DC specifications
Symbol Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High level
input
voltage
1.65-1.95
0.75VCC
0.75VCC
0.75VCC
V
2.3-2.5
0.7VCC
0.7VCC
0.7VCC
2.7-3.6
2
2
2
VIL
Low level
input
voltage
1.65-1.95
0.25VCC
0.25VCC
0.25VCC
V
2.3-2.5
0.3VCC
0.3VCC
0.3VCC
2.7-3.6
0.8
0.8
0.8
RON
Switch on-
resistance
4.5
VS = 0V
IS = 30mA
4.4
7
7
9
Ω
VS = 2.4V
IS = 30mA
4.9
12
12
14.5
VS = 4.5V
IS = 30mA
6.1
15
15
18
3.0
VS = 0V
IS = 100mA
5.2
9
9
11
VS = 3V
IS = 24mA
7.8
20
20
24
2.3
VS = 0V
IS = 8mA
6.5
12
12
14.5
VS = 2.3V
IS = 8mA
9.6
30
30
36
1.65
VS = 0V
IS = 4mA
9.0
20
20
24
VS = 1.65V
IS = 4mA
14
50
50
60
ΔRON
On-
resistance
match
between
channels
4.5
VS = 3.15V
IS = 30mA
0.10
Ω
3.0
VS = 2.1V
IS = 24mA
0.10
2.3
VS = 1.6V
IS = 8mA
0.20
1.65
VS = 1.15V
IS = 4mA
0.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com