Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3157 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3157
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Datasheet(HTML) 1 Page - STMicroelectronics

  STG3157 Datasheet HTML 1Page - STMicroelectronics STG3157 Datasheet HTML 2Page - STMicroelectronics STG3157 Datasheet HTML 3Page - STMicroelectronics STG3157 Datasheet HTML 4Page - STMicroelectronics STG3157 Datasheet HTML 5Page - STMicroelectronics STG3157 Datasheet HTML 6Page - STMicroelectronics STG3157 Datasheet HTML 7Page - STMicroelectronics STG3157 Datasheet HTML 8Page - STMicroelectronics STG3157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2010
Doc ID 9007 Rev 2
1/18
18
STG3157
Low voltage low on-resistance SPDT switch
with break-before-make feature
Features
■ High speed:
–tPD = 0.3 ns (max) at VCC = 4.5 V
–tPD = 0.8 ns (max) at VCC = 3.0 V
–tPD = 1.2 ns (max) at VCC = 2.3 V
■ Ultra low power dissipation:
–ICC = 1 µA (max) at TA = 85 °C
■ Low on-resistance; at VIN = 0 V:
–RON = 7 Ω (max TA = 85 °C) at VCC = 4.5 V
–RON = 9 Ω (max TA = 85 °C) at VCC = 3.0 V
■ Wide operating voltage range:
–VCC (OPR) = 1.65 V to 5.5 V single supply
■ TTL threshold ON control input at
VCC = 2.7 to 3.6 V
■ Pin and function compatible with 74 series
3157
■ Latch-up performance exceeds
150 mA (JESD 17)
Description
The STG3157 is a high-speed CMOS analog
SPDT (single-pole double-throw) switch or 2:1
multiplexer/demultiplexer bus switch
manufactured using silicon gate C2MOS
technology. It is designed to operate from a
1.65 V to 5.5 V supply, making the device ideal for
portable applications.
The STG3157 features very low on-resistance
(< 9
Ω) at VCC = 3.0 V. The IN input is provided to
control the SPDT switch, and is compatible with
standard CMOS output. Switch S1 is ON
(connected to common port D) when the IN input
is held high, and OFF (a high impedance state
exists between the two ports) when IN is held low.
Switch S2 is ON (connected to common port D)
when the IN input is held low and OFF (a high
impedance state exists between the two ports)
when IN is held high.
Additional key features are fast switching speed,
break-before-make delay time, and very low
power consumption. All inputs and outputs are
equipped with protection circuits to protect
against static discharge, giving them immunity
from ESD and transient excess voltage.
SOT323-6L
Table 1.
Device summary
Order code
Package
Packing
STG3157CTR
SOT323-6L
Tape and reel
www.st.com


Similar Part No. - STG3157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
More results

Similar Description - STG3157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
Low voltage 1 Ω single SPDT switch with break-before-make feature
30-Oct-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com