Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3157 Datasheet (PDF) - STMicroelectronics

STG3157 Datasheet PDF - STMicroelectronics
Part # STG3157
Download  STG3157 Download
File Size   245.56 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE

STG3157 Datasheet (PDF)

Go To PDF Page Download Datasheet
STG3157 Datasheet PDF - STMicroelectronics

Part # STG3157
Download  STG3157 Click to download

File Size   245.56 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE

STG3157 Datasheet (HTML) - STMicroelectronics


STG3157 Product details

Description
The STG3157 is a high-speed CMOS analog SPDT (single-pole double-throw) switch or 2:1 multiplexer/demultiplexer bus switch manufactured using silicon gate CMOS technology. It is designed to operate from a 1.65 V to 5.5 V supply, making the device ideal for portable applications.

Features
• High speed:
   – tPD = 0.3 ns (max) at VCC = 4.5 V
   – tPD = 0.8 ns (max) at VCC = 3.0 V
   – tPD = 1.2 ns (max) at VCC = 2.3 V
• Ultra low power dissipation:
   – ICC = 1 μA (max) at TA = 85 °C
• Low on-resistance; at VIN = 0 V:
   – RON = 7 Ω (max TA = 85 °C) at VCC = 4.5 V
   – RON = 9 Ω (max TA = 85 °C) at VCC = 3.0 V
• Wide operating voltage range:
   – VCC (OPR) = 1.65 V to 5.5 V single supply
• TTL threshold ON control input at VCC = 2.7 to 3.6 V
• Pin and function compatible with 74 series 3157
• Latch-up performance exceeds 150 mA (JESD 17)




Similar Part No. - STG3157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157 STMICROELECTRONICS-STG3157_10 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
More results


Similar Description - STG3157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
Low voltage 1 Ω single SPDT switch with break-before-make feature
30-Oct-2007
STG3157 STMICROELECTRONICS-STG3157_10 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com