Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3157 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3157
Description  LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Datasheet(HTML) 1 Page - STMicroelectronics

  STG3157 Datasheet HTML 1Page - STMicroelectronics STG3157 Datasheet HTML 2Page - STMicroelectronics STG3157 Datasheet HTML 3Page - STMicroelectronics STG3157 Datasheet HTML 4Page - STMicroelectronics STG3157 Datasheet HTML 5Page - STMicroelectronics STG3157 Datasheet HTML 6Page - STMicroelectronics STG3157 Datasheet HTML 7Page - STMicroelectronics STG3157 Datasheet HTML 8Page - STMicroelectronics STG3157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
September 2002
s
HIGH SPEED:
tPD = 0.3ns (MAX.) at VCC =4.5V
tPD = 0.8ns (MAX.) at VCC =3.0V
tPD = 1.2ns (MAX.) at VCC =2.3V
s
VERY LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=85°C
s
LOW "ON" RESISTANCE VIN=0V:
RON =7Ω(MAX.TA=85°C) atVCC=4.5V
RON =9Ω (MAX. TA=85°C) at VCC =3.0V
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 1.65V to 5.5V SINGLE SUPPLY
s
TTL THRESOLD ON CONTROL INPUT at
VCC = 2.7 to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 3157
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
DESCRIPTION
The STG3157 is an high-speed spdt CMOS
ANALOG S.P.D.T. (Single Pole Dual Throw)
SWITCH or 2:1 Multiplexer/Demultiplexer Bus
Switch
fabricated
in
silicon
gate
C2MOS
tecnology. It designed to operate from 1.65V to
5.5V, making this device ideal for portable
applications.
It offers very low
ON-Resistance (<9
Ω)at
VCC=3.0V. The IN input is provided to control the
S.P.D.T. switch, it’s compatible with standard
CMOS output.
The switch S1 is ON (it is
connected to common Port D) when the IN input is
held high and OFF (high impedance state exists
between the two ports) when IN is held low; the
switch S2 is ON (it is connected to common Port
D) when the IN input is held low and OFF (high
impedance state exists between the two ports)
when IN is held high. Additional key faetures are
fast switching speed, Break Before Make Delay
Time and Very Low Power Consumption. All
inputs and output are equipped with protection
circuits against static discharge, giving them ESD
immunity and transient excess voltage.
It’s available in the commercial temperature range
in smallest six lead smd package on the market.
STG3157
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH
WITH BREAK BEFORE MAKE FEATURE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT323-6L
STG3157CTR
SOT323-6L


Similar Part No. - STG3157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157 STMICROELECTRONICS-STG3157_10 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
More results

Similar Description - STG3157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
Low voltage 1 Ω single SPDT switch with break-before-make feature
30-Oct-2007
STG3157 STMICROELECTRONICS-STG3157_10 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com