Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3157 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG3157
Description  LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157 Datasheet(HTML) 4 Page - STMicroelectronics

  STG3157 Datasheet HTML 1Page - STMicroelectronics STG3157 Datasheet HTML 2Page - STMicroelectronics STG3157 Datasheet HTML 3Page - STMicroelectronics STG3157 Datasheet HTML 4Page - STMicroelectronics STG3157 Datasheet HTML 5Page - STMicroelectronics STG3157 Datasheet HTML 6Page - STMicroelectronics STG3157 Datasheet HTML 7Page - STMicroelectronics STG3157 Datasheet HTML 8Page - STMicroelectronics STG3157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STG3157
4/10
AC ELECTRICAL CHARACTERISTICS (CL = 50pF, RL = 500Ω)
ANALOG SWITCH CHARACTERISTICS (CL= 5pF, RL=50,TA=25°C)
IIN
Input
Leakage
Current
0 - 5.5
VIN= 0 to 5.5V
±0.05
±0.1
± 1
±10
µA
ICC
Quiescent
Supply
Current (All
Channel ON
or OFF)
5.5
VIN=VCC or
GND
11
10
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tLH, tHL
Propagation Delay
1.65-1.95
VI=OPEN
ns
2.3-2.7
1.2
1.2
1.8
3.0-3.6
0.8
0.8
1.2
4.5-5.5
0.3
0.3
0.5
tPZH, tPZL Output Enable
Time (D to Sn)
1.65-1.95
7
15
7
20
7
27
ns
2.3-2.7
3.5
11
3.5
14
3.5
17
3.0-3.6
2.5
7
2.5
7.6
2.5
9
4.5-5.5
1.7
5.2
1.7
5.7
1.7
7
tPLZ, tPHZ Output Disable
Time (D to Sn)
1.65-1.95
3
10
3
13
3
16
ns
2.3-2.7
2
7
2
7.5
2
9
3.0-3.6
1.5
5
1.5
5.3
1.5
6.5
4.5-5.5
1.7
3.5
1.7
3.8
1.7
5
tD
Break Before Make
Time Delay
1.65-5.5
0.5
0.5
0.5
ns
Q
Charge injection
5
23
pC
3.3
19
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
OIRR
Off Isolation
1.65-5.5
RL=50Ω
f= 10MHz
-57
dB
Xtalk
Crosstalk
1.65-5.5
RL=50Ω
f= 10MHz
-54
dB
BW
-3dB Bandwidth
1.65-5.5
RL=50Ω
250
MHz
CIN
Control Pin Input
Capacitance
5
pF
CSn
Sn Port
Capacitance
5.0
f= 1MHz
13
CD
D Port Capacitance
when Switch is
Enabled
5.0
f= 1MHz
21
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com