Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5S16862 Datasheet(PDF) 2 Page - STMicroelectronics

Part # B5S16862
Description  20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5S16862 Datasheet(HTML) 2 Page - STMicroelectronics

  B5S16862 Datasheet HTML 1Page - STMicroelectronics B5S16862 Datasheet HTML 2Page - STMicroelectronics B5S16862 Datasheet HTML 3Page - STMicroelectronics B5S16862 Datasheet HTML 4Page - STMicroelectronics B5S16862 Datasheet HTML 5Page - STMicroelectronics B5S16862 Datasheet HTML 6Page - STMicroelectronics B5S16862 Datasheet HTML 7Page - STMicroelectronics B5S16862 Datasheet HTML 8Page - STMicroelectronics B5S16862 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
B5S16862
2/9
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
y: 1to4
y: 1, active on 1An, 1Bn port only with n:0 to 4
y: 2, active on 1An, 1Bn port only with n:5 to 9
y: 3, active on 2An, 2Bn port only with n:0 to 4
y: 4, active on 2An, 2Bn port only with n:5 to 9
X: "H" or "L"
Z: High Impedance
SCHEMATIC DIAGRAM
PIN No
SYMBOL
NAME QND FUNCTION
1, 13
2G,4G
Bus Enable Input
(Active Low)
2, 3, 4, 5, 6, 7,
8, 9, 10, 11
1A0 to 1A9 Data Inputs
14, 15, 16, 17,
18, 19, 20, 21,
22, 23
2A0 to 2A9 Data Inputs
34, 33, 32, 31,
30, 29, 28, 27,
26, 25
2B0 to 2B9 Data Outputs
46, 45, 44, 43,
42, 41, 40, 39,
38, 37
1B0 to 1B9 Data Outputs
47, 35
1G,3G
Bus Enable Input
(Active Low)
12, 24
GND
Ground (0V)
36, 48
VCC
Positive Supply Voltage
INPUT
OUTPUT
yG
1An, 2An
1Bn, 2Bn
L
X
Bus ON
HX
Z



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com