Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5S16862 Datasheet(PDF) 4 Page - STMicroelectronics

Part # B5S16862
Description  20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5S16862 Datasheet(HTML) 4 Page - STMicroelectronics

  B5S16862 Datasheet HTML 1Page - STMicroelectronics B5S16862 Datasheet HTML 2Page - STMicroelectronics B5S16862 Datasheet HTML 3Page - STMicroelectronics B5S16862 Datasheet HTML 4Page - STMicroelectronics B5S16862 Datasheet HTML 5Page - STMicroelectronics B5S16862 Datasheet HTML 6Page - STMicroelectronics B5S16862 Datasheet HTML 7Page - STMicroelectronics B5S16862 Datasheet HTML 8Page - STMicroelectronics B5S16862 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
B5S16862
4/9
DC SPECIFICATION
1) This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency.
The 1An and 2An inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by
design.
AC ELECTRICAL CHARACTERISTICS
1) Parameter guaranteed by design
2) X=1,2; n=0..9.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25 °C
-40 to 85
°C
-55 to 125
°C
Min. Typ. Max. Min. Max. Min. Max.
VIH
High Level Input Voltage
4 to 5.5
2
2
2
V
VIL
Low Level Input Voltage
4 to 5.5
0.8
0.8
0.8
V
VH
Input Hysteresis at Con-
trol pin
4.5 to 5.5
150
mV
RON
Switch ON Resistance
4.5
ION=64 mA
VI=0V
7
Ω
4.5
ION=48 mA
VI=0V
57
4.5
ION=15 mA
VI=2.4V
10
15
4.0
ION=15 mA
VI=2.4V
14
22
II
Input Leakage Current
0 to 5.5
VI = 5.5V or
GND
±0.1
±1.0
±2.0
µA
IOZ
High Impedance Leakage
Current
4.5 to 5.5
VI/O =5.5V
to GND
±1.0
±2.0
µA
VIK
Clamp Diode Voltage
4.0 to 5.5
II = -18mA
-0.7
-1.2
-1.2
V
ICC
Quiescent Supply Current
5.5
VI =VCC or
GND
0.1
1.0
3.0
10.0
µA
ICCD
Supply Current per Con-
trol Input per MHz (1)
5.5
VI/O =Open
nG=GND;
Control Input
Toggling
50% Duty
Cycle
0.25
mA/
MHz
∆I
CC
ICC incr. per Input
5.5
VIC=VCC-2.1
V
2.5
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C -55 to 125°C
Min.Max.Min.Max.
tPLH tPHL
Propagation Delay Time (1)
xAn to xBn, xBn to xAn(2)
4.5 to 5.5
50
500
2.5
0.25
ns
tPZL tPZH
Output Enable Time
50
500
2.5
1.5
5.5
ns
tPLZ tPHZ
Output Disable Time
50
500
2.5
1.5
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com