Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 14Page - STMicroelectronics TS616 Datasheet HTML 15Page - STMicroelectronics TS616 Datasheet HTML 16Page - STMicroelectronics TS616 Datasheet HTML 17Page - STMicroelectronics TS616 Datasheet HTML 18Page - STMicroelectronics TS616 Datasheet HTML 19Page - STMicroelectronics TS616 Datasheet HTML 20Page - STMicroelectronics TS616 Datasheet HTML 21Page - STMicroelectronics TS616 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Intermodulation distortion product
TS616
18/37
The following graphs show the IM2 and the IM3 of the amplifier in different configurations.
The two-tone input signal was generated by the multisource generator Marconi 2026. Each
tone has the same amplitude. The measurement was performed using a HP3585A
spectrum analyzer.
Figure 46.
Intermodulation vs. output
amplitude
Figure 47.
Intermodulation vs. output
amplitude
01
23
45
67
8
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)
AV = +1.5, Rfb = 1kΩ, VCC = ±2.5 V, RL=14 Ω diff.
370 kHz & 400 kHz
01
23
45
67
8
-100
-90
-80
-70
-60
-50
-40
-30
IM3
1140kHz, 1170kHz
IM2
770kHz
IM3
340kHz, 430kHz
IM2
30kHz
Differential Output Voltage (Vp-p)
AV = +1.5, Rfb = 1kΩ, VCC = ±2.5 V, RL=28 Ω diff.
370 kHz & 400 kHz
Figure 48.
Intermodulation vs. gain
Figure 49.
Intermodulation vs. load
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM2
770kHz
IM3
340kHz, 430kHz, 1140kHz, 1170kHz
IM2
30kHz
Closed Loop Gain (Linear)
Vout= 6 Vpp, VCC = ±2.5 V, RL=20 Ω diff.
370 kHz & 400 kHz
0
20
40
60
80
100
120
140
160
180
200
-110
-100
-90
-80
-70
-60
-50
-40
-30
IM2
770kHz
IM3
340kHz, 430kHz, 1140kHz, 1170kHz
IM2
30kHz
Differential Load (
Ω)
AV = +1.5, Rfb = 1kΩ, Vout= .56 Vpp, VCC = ±2.5 V
370 kHz & 400 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com