Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 24Page - STMicroelectronics TS616 Datasheet HTML 25Page - STMicroelectronics TS616 Datasheet HTML 26Page - STMicroelectronics TS616 Datasheet HTML 27Page - STMicroelectronics TS616 Datasheet HTML 28Page - STMicroelectronics TS616 Datasheet HTML 29Page - STMicroelectronics TS616 Datasheet HTML 30Page - STMicroelectronics TS616 Datasheet HTML 31Page - STMicroelectronics TS616 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Choosing the feedback circuit
TS616
28/37
9
Choosing the feedback circuit
As described in Figure 67 on page 29, the TS616 requires a 620
Ω feedback resistor to
optimize the bandwidth with a gain of 12 dB for a 12 V power supply. Nevertheless, due to
production test constraints, the TS616 is tested with the same feedback resistor for 12 V and
5 V power supplies (910
Ω).
Table 5.
Closed-loop gain - feedback components
VCC (V)
Gain
Rfb (Ω)
±6
+1
750
+2
680
+4
620
+8
510
-1
680
-2
680
-4
620
-8
510
±2.5
+1
1.1k
+2
1k
+4
910
+8
680
-1
1k
-2
1k
-4
910
-8
680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com