Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80ID/DT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH80ID/DT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80ID/DT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH80ID/DT Datasheet HTML 4Page - STMicroelectronics TSH80ID/DT Datasheet HTML 5Page - STMicroelectronics TSH80ID/DT Datasheet HTML 6Page - STMicroelectronics TSH80ID/DT Datasheet HTML 7Page - STMicroelectronics TSH80ID/DT Datasheet HTML 8Page - STMicroelectronics TSH80ID/DT Datasheet HTML 9Page - STMicroelectronics TSH80ID/DT Datasheet HTML 10Page - STMicroelectronics TSH80ID/DT Datasheet HTML 11Page - STMicroelectronics TSH80ID/DT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical characteristics
TSH80, TSH81, TSH82, TSH84
8/27
Doc ID 9413 Rev 5
GBP
Gain bandwidth product
F=10 MHz
AVCL = +11
AVCL = -10
65
55
MHz
Bw
Bandwidth at -3 dB
AVCL =+1
RL = 150 Ω // 30 pF to GND
100
MHz
SR
Slew rate
AVCL =+2
RL = 150 Ω // CL to GND
CL = 5 pF
CL = 30 pF
68
117
118
V/
μs
φm
Phase margin
RL = 150 Ω connected to GND
40
°
(degree)
en
Equivalent input noise voltage F = 100 kHz
11
nV/
√Hz
THD
Total harmonic distortion
AVCL = +2, F = 4 MHz
RL = 150 Ω // 30 pF to GND
Vout = 1 Vpp
Vout = 2 Vpp
-61
-54
dB
IM2
Second order intermodulation
product
AVCL =+2, Vout = 2 Vpp
RL = 150 Ω to GND
Fin1 = 180 kHz, Fin2 = 280 kHz
spurious measurement at 100 kHz
-76
dBc
IM3
Third order intermodulation
product
AVCL = +2, Vout = 2 Vpp
RL = 150 Ω to GND
Fin1 = 180 kHz, Fin2 = 280 kHz
spurious measurement at 400 kHz
-68
dBc
ΔG
Differential gain
AVCL =+2, RL =150 Ω to GND
F=4.5MHz, Vout =2Vpp
0.5
%
Df
Differential phase
AVCL = +2, RL = 150 Ω to GND
F=4.5MHz, Vout =2Vpp
0.5
°
(degree)
Gf
Gain flatness
F = DC to 6 MHz, AVCL =+2
0.2
dB
Vo1/Vo2
Channel separation
F = 1 MHz to 10 MHz
65
dB
Table 4.
VCC
+ = +5 V, V
CC
- = -5 V, V
ic = GND, Tamb = 25° C
(unless otherwise specified) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com