Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80ID/DT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSH80ID/DT
Description  Wide band rail-to-rail operational amplifier with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80ID/DT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSH80ID/DT Datasheet HTML 8Page - STMicroelectronics TSH80ID/DT Datasheet HTML 9Page - STMicroelectronics TSH80ID/DT Datasheet HTML 10Page - STMicroelectronics TSH80ID/DT Datasheet HTML 11Page - STMicroelectronics TSH80ID/DT Datasheet HTML 12Page - STMicroelectronics TSH80ID/DT Datasheet HTML 13Page - STMicroelectronics TSH80ID/DT Datasheet HTML 14Page - STMicroelectronics TSH80ID/DT Datasheet HTML 15Page - STMicroelectronics TSH80ID/DT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Electrical characteristics
TSH80, TSH81, TSH82, TSH84
12/27
Doc ID 9413 Rev 5
Figure 15.
Group delay
Figure 13.
Standby mode - Ton, Toff
Figure 14.
Third order intermodulation(1)
1.
The IFR2026 synthesizer generates a two-tone signal (F1 = 180 kHz, F2 = 280 kHz), each tone having the same
amplitude. The HP3585 spectrum analyzer measures the intermodulation products as a function of the output voltage. The
generator and the spectrum analyzer are phase locked for better accuracy.
0
2 E-64E-66E- 6
8 E-6
1E-5
time (s)
-3
-2
-1
0
1
2
3
Vout
Ton
Toff
S tandby
VCC = ±2.5 V, open loop
Gain = +2, VCC =±2.5V, ZL =150 Ω//27 pF,
Tamb = 25° C
01
2
3
4
Vout peak(V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
7 40kHz
3 80kHz
640kHz
80kHz
Gain = +2, VCC = ±2.5 V, ZL =150 Ω//27 pF, Tamb = 25° C
Group
Delay
Gain
5.32ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com