Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1XX Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST7MC1XX
Description  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1XX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST7MC1XX Datasheet HTML 25Page - STMicroelectronics ST7MC1XX Datasheet HTML 26Page - STMicroelectronics ST7MC1XX Datasheet HTML 27Page - STMicroelectronics ST7MC1XX Datasheet HTML 28Page - STMicroelectronics ST7MC1XX Datasheet HTML 29Page - STMicroelectronics ST7MC1XX Datasheet HTML 30Page - STMicroelectronics ST7MC1XX Datasheet HTML 31Page - STMicroelectronics ST7MC1XX Datasheet HTML 32Page - STMicroelectronics ST7MC1XX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 309 page
background image
ST7MC1xx/ST7MC2xx
29/309
6.1 OSCILLATOR
The main clock of the ST7 can be generated by a
crystal or ceramic resonator oscillator or an exter-
nal source.
The
associated
hardware
configurations
are
shown in Table 4. Refer to the electrical character-
istics section for more details.
External Clock Source
In this external clock mode, a clock signal (square,
sinus or triangle) with ~50% duty cycle has to drive
the OSC1 pin while the OSC2 pin is not connect-
ed.
Crystal/Ceramic Oscillators
This family of oscillators has the advantage of pro-
ducing a very accurate rate on the main clock of
the ST7. In this mode, the resonator and the load
capacitors have to be placed as close as possible
to the oscillator pins in order to minimize output
distortion and start-up stabilization time.
This oscillator is not stopped during the RESET
phase to avoid losing time in its start-up phase.
See Electrical Characteristics for more details.
Note: When crystal oscillator is used as a clock
source, a risk of failure may exist if no series resis-
tors are implemented.
Table 4. ST7 Clock Sources
Hardware Configuration
OSC1
OSC2
EXTERNAL
ST7
SOURCE
NC
OSC1
OSC2
LOAD
CAPACITORS
ST7
CL2
CL1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com