Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MC1XX Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7MC1XX
Description  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC1XX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7MC1XX Datasheet HTML 35Page - STMicroelectronics ST7MC1XX Datasheet HTML 36Page - STMicroelectronics ST7MC1XX Datasheet HTML 37Page - STMicroelectronics ST7MC1XX Datasheet HTML 38Page - STMicroelectronics ST7MC1XX Datasheet HTML 39Page - STMicroelectronics ST7MC1XX Datasheet HTML 40Page - STMicroelectronics ST7MC1XX Datasheet HTML 41Page - STMicroelectronics ST7MC1XX Datasheet HTML 42Page - STMicroelectronics ST7MC1XX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 309 page
background image
ST7MC1xx/ST7MC2xx
39/309
MAIN CLOCK CONTROLLER WITH REAL-TIME CLOCK (Cont’d)
Bit 0 = OIF Oscillator interrupt flag
This bit is set by hardware and cleared by software
reading the CSR register. It indicates when set
that the main oscillator has reached the selected
elapsed time (TB1:0).
0: Timeout not reached
1: Timeout reached
CAUTION: The BRES and BSET instructions
must not be used on the MCCSR register to avoid
unintentionally clearing the OIF bit.
MCC BEEP CONTROL REGISTER (MCCBCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:4 = Reserved, must be kept cleared.
Bit 3 = ADSTS A/D Converter Sample Time
Stretch
This bit is set and cleared by software to enable or
disable the A/D Converter sample time stretch fea-
ture.
0: AD sample time stretch disabled (for standard
impedance analog inputs)
1 AD sample time stretch enabled (for high imped-
ance analog inputs)
Bit 2 = ADCIE A/D Converter Interrupt Enable
This bit is set and cleared by software to enable or
disable the A/D Converter interrupt.
0: AD Interrupt disabled
1 AD Interrupt enabled
Bit 1:0 = BC[1:0] Beep control
These 2 bits select the PF1 pin beep capability.
The beep output signal is available in Active-halt
mode but has to be disabled to reduce the con-
sumption.
Table 5. Main Clock Controller Register Map and Reset Values
70
00
00
AD-
STS
ADC
IE
BC1
BC0
BC1
BC0
Beep mode with fOSC2=8MHz
00
Off
01
~2-KHz
Output
Beep signal
~50% duty cycle
10
~1-KHz
1
1
~500-Hz
Address
(Hex.)
Register
Label
765
432
10
0040h
SICSR, page0
Reset Value
PAGE
0
VDIE
0
VDF
0
LVDRF
x0
CFIE
0
CSSD
0
WDGRF
x
0040h
SICSR, page1
Reset Value
PAGE
00
VCOEN
0
LOCK
x
PLLEN
00
CKSEL
00
002Ch
MCCSR
Reset Value
MCO
0
CP1
0
CP0
0
SMS
0
TB1
0
TB0
0
OIE
0
OIF
0
002Dh
MCCBCR
Reset Value
000
0
ADSTS
0
ADCIE
0
BC1
0
BC0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com