Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S312XDP512F0MPVR Datasheet(PDF) 201 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 201 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 197Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 198Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 199Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 200Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 201Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 202Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 203Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 204Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 205Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
201
6.3.1.14
XGATE Register 6 (XGR6)
The XGR6 register (Figure 6-17) provides access to the RISC core’s register 6.
Read: In debug mode if unsecured
Write: In debug mode if unsecured
6.3.1.15
XGATE Register 7 (XGR7)
The XGR7 register (Figure 6-18) provides access to the RISC core’s register 7.
Read: In debug mode if unsecured
Write: In debug mode if unsecured
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
XGR6
W
Reset
0
0
0
0000000000000
Figure 6-17. XGATE Register 6 (XGR6)
Table 6-14. XGR6 Field Descriptions
Field
Description
15–0
XGR6[15:0]
XGATE Register 6 — The RISC core’s register 6
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
XGR7
W
Reset
0
0
0
0000000000000
Figure 6-18. XGATE Register 7 (XGR7)
Table 6-15. XGR7 Field Descriptions
Field
Description
15–0
XGR7[15:0]
XGATE Register 7 — The RISC core’s register 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com