Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S312XDP512F0MPVR Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 79Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 80Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 81Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 82Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 83Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 84Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 85Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 86Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 1348 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.21
Freescale Semiconductor
83
2.3.1
Module Memory Map
Table 2-1 gives an overview on all CRG registers.
NOTE
Register Address = Base Address + Address Offset, where the Base Address
is defined at the MCU level and the Address Offset is defined at the module
level.
Table 2-1. CRG Memory Map
Address
Offset
Use
Access
0x_00
CRG Synthesizer Register (SYNR)
R/W
0x_01
CRG Reference Divider Register (REFDV)
R/W
0x_02
CRG Test Flags Register (CTFLG)1
1 CTFLG is intended for factory test purposes only.
R/W
0x_03
CRG Flags Register (CRGFLG)
R/W
0x_04
CRG Interrupt Enable Register (CRGINT)
R/W
0x_05
CRG Clock Select Register (CLKSEL)
R/W
0x_06
CRG PLL Control Register (PLLCTL)
R/W
0x_07
CRG RTI Control Register (RTICTL)
R/W
0x_08
CRG COP Control Register (COPCTL)
R/W
0x_09
CRG Force and Bypass Test Register (FORBYP)2
2 FORBYP is intended for factory test purposes only.
R/W
0x_0A
CRG Test Control Register (CTCTL)3
3 CTCTL is intended for factory test purposes only.
R/W
0x_0B
CRG COP Arm/Timer Reset (ARMCOP)
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com