Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S312XDP512F0MPVR Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 92Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 93Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 94Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 95Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 96Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 97Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 98Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 99Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 1348 page
background image
Chapter 2 Clocks and Reset Generator (S12CRGV6)
MC9S12XDP512 Data Sheet, Rev. 2.21
96
Freescale Semiconductor
2.3.2.10
Reserved Register (FORBYP)
NOTE
This reserved register is designed for factory test purposes only, and is not
intended for general user access. Writing to this register when in special
modes can alter the CRG’s functionality.
Read: Always read 0x_00 except in special modes
Write: Only in special modes
2.3.2.11
Reserved Register (CTCTL)
NOTE
This reserved register is designed for factory test purposes only, and is not
intended for general user access. Writing to this register when in special test
modes can alter the CRG’s functionality.
Read: always read 0x_80 except in special modes
Write: only in special modes
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-13. Reserved Register (FORBYP)
76543210
R
10000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-14. Reserved Register (CTCTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com