Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega6450-16AI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATmega6450-16AI
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega6450-16AI Datasheet(HTML) 1 Page - ATMEL Corporation

  ATmega6450-16AI Datasheet HTML 1Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 2Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 3Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 4Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 5Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 6Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 7Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 8Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
– 130 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-Chip 2-cycle Multiplier
• High Endurance Non-volatile Memory Segments
– In-System Self-programmable Flash Program Memory
• 32K Bytes (ATmega325/ATmega3250)
• 64K Bytes (ATmega645/ATmega6450)
– EEPROM
• 1K bytes (ATmega325/ATmega3250)
• 2K bytes (ATmega645/ATmega6450)
– Internal SRAM
• 2K bytes (ATmega325/ATmega3250)
• 4K bytes (ATmega645/ATmega6450)
– Write/Erase Cycles: 10,000 Flash/ 100,000 EEPROM
– Data retention: 20 years at 85°C/100 years at 25°C(1)
– Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescaler and Compare Mode
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
–Four PWM Channels
– 8-channel, 10-bit ADC
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Universal Serial Interface with Start Condition Detector
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated Oscillator
– External and Internal Interrupt Sources
– Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and
Standby
• I/O and Packages
– 53/68 Programmable I/O Lines
– 64-lead TQFP, 64-pad QFN/MLF, and 100-lead TQFP
• Speed Grade:
– ATmega325V/ATmega3250V/ATmega645V/ATmega6450V:
• 0 - 4 MHz @ 1.8 - 5.5V, 0 - 8 MHz @ 2.7 - 5.5V
– ATmega325/3250/645/6450:
• 0 - 8 MHz @ 2.7 - 5.5V, 0 - 16 MHz @ 4.5 - 5.5V
• Temperature range:
– -40°C to 85°C Industrial
• Ultra-Low Power Consumption
– Active Mode:
1 MHz, 1.8V: 350 µA
32 kHz, 1.8V: 20 µA (including Oscillator)
– Power-down Mode:
100 nA at 1.8V
8-bit
Microcontroller
with In-System
Programmable
Flash
ATmega325/V
ATmega3250/V
ATmega645/V
ATmega6450/V
Preliminary


Similar Part No. - ATmega6450-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA6450-16AI ATMEL-ATMEGA6450-16AI Datasheet
2Mb / 347P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA6450-16AI ATMEL-ATMEGA6450-16AI Datasheet
322Kb / 27P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA6450-16AI ATMEL-ATMEGA6450-16AI Datasheet
3Mb / 353P
8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATmega6450-16AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA169V ATMEL-ATMEGA169V_06 Datasheet
297Kb / 26P
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_06 Datasheet
322Kb / 27P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
8-bit Microcontroller with 32KBytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com