Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega6450-16AI Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega6450-16AI
Description  8-bit Microcontroller with In-System Programmable Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega6450-16AI Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega6450-16AI Datasheet HTML 21Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 22Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 23Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 24Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 25Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 26Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 27Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 28Page - ATMEL Corporation ATmega6450-16AI Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
28
2570L–AVR–08/07
ATmega325/3250/645/6450
Note:
1. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
9.4
Low-frequency Crystal Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the low-frequency crystal
Oscillator must be selected by setting the CKSEL Fuses to “0110” or “0111”. The crystal should
be connected as shown in Figure 9-2 on page 27. When this Oscillator is selected, start-up times
are determined by the SUT Fuses as shown in Table 9-5 on page 28 and CKSEL1..0 as shown
in Table 9-6 on page 28.
Note:
This option should only be used if frequency stability at start-up is not important for the application
9.5
Calibrated Internal RC Oscillator
The calibrated Internal RC Oscillator by default provides a 8.0 MHz clock. The frequency is nom-
inal value at 3V and 25°C. The device is shipped with the CKDIV8 Fuse programmed. See
“System Clock Prescaler” on page 31 for more details.
011
1K CK(2)
14CK + 4.1 ms
Ceramic resonator,
fast rising power
100
1K CK(2)
14CK + 65 ms
Ceramic resonator,
slowly rising power
1
01
16K CK
14CK
Crystal Oscillator,
BOD enabled
1
10
16K CK
14CK + 4.1 ms
Crystal Oscillator, fast
rising power
1
11
16K CK
14CK + 65 ms
Crystal Oscillator,
slowly rising power
Table 9-4.
Start-up Times for the Crystal Oscillator Clock Selection (Continued)
CKSEL0
SUT1:0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(V
CC = 5.0V)
Recommended
Usage
Table 9-5.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT1..0
Additional Delay from Reset (VCC = 5.0V)
Recommended Usage
00
14CK
Fast rising power or BOD enabled
01
14CK + 4.1 ms
Slowly rising power
10
14CK + 65 ms
Stable frequency at start-up
11
Reserved
Table 9-6.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
CKSEL3..0
Start-up Time from
Power-down and Power-save
Recommended Usage
0110(Note:)
1K CK
0111
32K CK
Stable frequency at start-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com