Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7SE512 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM7SE512
Description  Product Description
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7SE512 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM7SE512 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3
6222ES–ATARM–15-Dec-09
AT91SAM7SE512/256/32 Preliminary Summary
1.
Description
Atmel's AT91SAM7SE Series is a member of its Smart ARM Microcontroller family based on the
32-bit ARM7™ RISC processor and high-speed Flash memory.
• AT91SAM7SE512 features a 512 Kbyte high-speed Flash and a 32 Kbyte SRAM.
• AT91SAM7SE256 features a 256 Kbyte high-speed Flash and a 32 Kbyte SRAM.
• AT91SAM7SE32 features a 32 Kbyte high-speed Flash and an 8 Kbyte SRAM.
It also embeds a large set of peripherals, including a USB 2.0 device, an External Bus Interface
(EBI), and a complete set of system functions minimizing the number of external components.
The EBI incorporates controllers for synchronous DRAM (SDRAM) and Static memories and
features specific circuitry facilitating the interface for NAND Flash, SmartMedia and
CompactFlash.
The device is an ideal migration path for 8/16-bit microcontroller users looking for additional per-
formance, extended memory and higher levels of system integration.
The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via
a parallel interface on a production programmer prior to mounting. Built-in lock bits and a secu-
rity bit protect the firmware from accidental overwrite and preserve its confidentiality.
The AT91SAM7SE Series system controller includes a reset controller capable of managing the
power-on sequence of the microcontroller and the complete system. Correct device operation
can be monitored by a built-in brownout detector and a watchdog running off an integrated RC
oscillator.
By combining the ARM7TDMI processor with on-chip Flash and SRAM, and a wide range of
peripheral functions, including USART, SPI, External Bus Interface, Timer Counter, RTT and
Analog-to-Digital Converters on a monolithic chip, the AT91SAM7SE512/256/32 is a powerful
device that provides a flexible, cost-effective solution to many embedded control applications.
1.1
Configuration Summary of the AT91SAM7SE512, AT91SAM7SE256 and AT91SAM7SE32
The AT91SAM7SE512, AT91SAM7SE256 and AT91SAM7SE32 differ in memory sizes and
organization. Table 1-1 below summarizes the configurations for the three devices.
Table 1-1.
Configuration Summary
Device
Flash Size
Flash Organization
RAM Size
AT91SAM7SE512
512K bytes
dual plane
32K bytes
AT91SAM7SE256
256K bytes
single plane
32K bytes
AT91SAM7SE32
32K bytes
single plane
8K bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com