Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7SE512 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT91SAM7SE512
Description  Product Description
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7SE512 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT91SAM7SE512 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 36Page - ATMEL Corporation AT91SAM7SE512 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
33
6222ES–ATARM–15-Dec-09
AT91SAM7SE512/256/32 Preliminary Summary
9.5
Debug Unit
• Comprises:
– One two-pin UART
– One Interface for the Debug Communication Channel (DCC) support
– One set of Chip ID Registers
– One Interface providing ICE Access Prevention
•Two-pin UART
– USART-compatible User Interface
– Programmable Baud Rate Generator
– Parity, Framing and Overrun Error
– Automatic Echo, Local Loopback and Remote Loopback Channel Modes
• Debug Communication Channel Support
– Offers visibility of COMMRX and COMMTX signals from the ARM Processor
• Chip ID Registers
– Identification of the device revision, sizes of the embedded memories, set of
peripherals
– Chip ID is 0x272A 0A40 (VERSION 0) for AT91SAM7SE512
– Chip ID is 0x272A 0940 (VERSION 0) for AT91SAM7SE256
– Chip ID is 0x2728 0340 (VERSION 0) for AT91SAM7SE32
9.6
Periodic Interval Timer
• 20-bit programmable counter plus 12-bit interval counter
9.7
Watchdog Timer
• 12-bit key-protected Programmable Counter running on prescaled SLCK
• Provides reset or interrupt signals to the system
• Counter may be stopped while the processor is in debug state or in idle mode
9.8
Real-time Timer
• 32-bit free-running counter with alarm running on prescaled SLCK
• Programmable 16-bit prescaler for SLCK accuracy compensation
9.9
PIO Controllers
• Three PIO Controllers. PIO A and B each control 32 I/O lines and PIO C controls 24 I/O lines.
• Fully programmable through set/clear registers
• Multiplexing of two peripheral functions per I/O line
• For each I/O line (whether assigned to a peripheral or used as general-purpose I/O)
– Input change interrupt
– Half a clock period glitch filter
– Multi-drive option enables driving in open drain
– Programmable pull-up on each I/O line
– Pin data status register, supplies visibility of the level on the pin at any time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com