Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY45 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATTINY45
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY45 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATTINY45 Datasheet HTML 9Page - ATMEL Corporation ATTINY45 Datasheet HTML 10Page - ATMEL Corporation ATTINY45 Datasheet HTML 11Page - ATMEL Corporation ATTINY45 Datasheet HTML 12Page - ATMEL Corporation ATTINY45 Datasheet HTML 13Page - ATMEL Corporation ATTINY45 Datasheet HTML 14Page - ATMEL Corporation ATTINY45 Datasheet HTML 15Page - ATMEL Corporation ATTINY45 Datasheet HTML 16Page - ATMEL Corporation ATTINY45 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13
2586L–AVR–06/10
ATtiny25/45/85
Notes: 1. Code indicators:
– H: NiPdAu lead finish
– U: matte tin
2. All packages are Pb-free, halide-free and fully green and they comply with the European directive for Restriction of Hazard-
ous Substances (RoHS).
3. For Speed vs. VCC, see 21.3 “Speed” on page 168.
4. These devices can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering informa-
tion and minimum quantities.
6.3
ATtiny85
Speed (MHz) (3)
Power Supply
Ordering Code (1)
Package (2)
Operational Range
10
1.8 - 5.5V
ATtiny85V-10PU
ATtiny85V-10SU
ATtiny85V-10SH
ATtiny85V-10MU
8P3
8S2
8S2
20M1
Industrial
(-40
°C to +85°C) (4)
20
2.7 - 5.5V
ATtiny85-20PU
ATtiny85-20SU
ATtiny85-20SH
ATtiny85-20MU
8P3
8S2
8S2
20M1
Industrial
(-40
°C to +85°C) (4)
Package Type
8P3
8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S2
8-lead, 0.200" Wide, Plastic Gull-Wing Small Outline (EIAJ SOIC)
20M1
20-pad, 4 x 4 x 0.8 mm Body, Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com