Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY45 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATTINY45
Description  8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY45 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATTINY45 Datasheet HTML 17Page - ATMEL Corporation ATTINY45 Datasheet HTML 18Page - ATMEL Corporation ATTINY45 Datasheet HTML 19Page - ATMEL Corporation ATTINY45 Datasheet HTML 20Page - ATMEL Corporation ATTINY45 Datasheet HTML 21Page - ATMEL Corporation ATTINY45 Datasheet HTML 22Page - ATMEL Corporation ATTINY45 Datasheet HTML 23Page - ATMEL Corporation ATTINY45 Datasheet HTML 24Page - ATMEL Corporation ATTINY45 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
2586L–AVR–06/10
ATtiny25/45/85
more than 3V. Similarly, if supply voltage can not be raised above 2V then operating fre-
quency should be more than 2 MHz.
This feature is known to be temperature dependent but it has not been characterised.
Guidelines are given for room temperature, only.
4. Timer Counter 1 PWM output generation on OC1B – XOC1B does not work correctly
Timer Counter1 PWM output OC1B-XOC1B does not work correctly. Only in the case when
the control bits, COM1B1 and COM1B0 are in the same mode as COM1A1 and COM1A0,
respectively, the OC1B-XOC1B output works correctly.
Problem Fix/Work around
The only workaround is to use same control setting on COM1A[1:0] and COM1B[1:0] control
bits, see table 14-4 in the data sheet. The problem has been fixed for Tiny45 rev D.
8.2.4
Rev A
• Too high power down power consumption
• DebugWIRE looses communication when single stepping into interrupts
• PLL not locking
• EEPROM read from application code does not work in Lock Bit Mode 3
• EEPROM read may fail at low supply voltage / low clock frequency
1. Too high power down power consumption
Three situations will lead to a too high power down power consumption. These are:
– An external clock is selected by fuses, but the I/O PORT is still enabled as an output.
– The EEPROM is read before entering power down.
– VCC is 4.5 volts or higher.
Problem fix / Workaround
– When using external clock, avoid setting the clock pin as Output.
– Do not read the EEPROM if power down power consumption is important.
– Use VCC lower than 4.5 Volts.
2. DebugWIRE looses communication when single stepping into interrupts
When receiving an interrupt during single stepping, debugwire will loose
communication.
Problem fix / Workaround
– When singlestepping, disable interrupts.
– When debugging interrupts, use breakpoints within the interrupt routine, and run into
the interrupt.
3. PLL not locking
When at frequencies below 6.0 MHz, the PLL will not lock
Problem fix / Workaround
When using the PLL, run at 6.0 MHz or higher.
4. EEPROM read from application code does not work in Lock Bit Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com