Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8035 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 56F8035
Description  16-bit Digital Signal Controllers
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8035 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 56F8035 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 161 page
background image
56F8035/56F8025 Data Sheet, Rev. 6
8
Freescale Semiconductor
— Full-duplex operation
— Master and slave modes
— Four-words-deep FIFOs available on both transmitter and receiver
— Programmable Length Transactions (2 to 16 bits)
•
One Inter-Integrated Circuit (I2C) port
— Operates up to 400kbps
— Supports both master and slave operation
— Supports both 10-bit address mode and broadcasting mode
•
Three 16-bit Programmable Interval Timers (PITs)
•
Two analog Comparators (CMPs)
— Selectable input source includes external pins, DACs
— Programmable output polarity
— Output can drive Timer input, PWM fault input, PWM source, external pin output and trigger ADCs
— Output falling and rising edge detection able to generate interrupts
•
Computer Operating Properly (COP)/Watchdog timer capable of selecting different clock sources
•
Up to 35 General-Purpose I/O (GPIO) pins with 5V tolerance
•
Integrated Power-On Reset (POR) and Low-Voltage Interrupt (LVI) module
•
Phase Lock Loop (PLL) provides a high-speed clock to the core and peripherals
•
Clock sources:
— On-chip relaxation oscillator
— External clock: Crystal oscillator, ceramic resonator, and external clock source
•
JTAG/EOnCE debug programming interface for real-time debugging
1.1.5
Energy Information
•
Fabricated in high-density CMOS with 5V tolerance
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
•
ADC smart power management
•
Each peripheral can be individually disabled to save power
1.2 56F8035/56F8025 Description
The 56F8035/56F8025 is a member of the 56800E core-based family of Digital Signal Controllers
(DSCs). It combines, on a single chip, the processing power of a DSP and the functionality of a
microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because
of its low cost, configuration flexibility, and compact program code, the 56F8035/56F8025 is well-suited
for many applications. The 56F8035/56F8025 includes many peripherals that are especially useful for
industrial control, motion control, home appliances, general-purpose inverters, smart sensors, fire and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com