Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8035 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8035
Description  16-bit Digital Signal Controllers
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8035 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8035 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8035 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 161 page
background image
56F8035/56F8025 Data Sheet, Rev. 6
2
Freescale Semiconductor
Document Revision History
Version History
Description of Change
Rev. 0
Initial public release.
Rev. 1
• In Table 5-3, changed the ITCN_BASE address from $00 F060 (incorrect value) to
$00 F0E0 (the correct value).
• In Table 10-4, added an entry for flash data retention with less than 100 program/erase
cycles (minimum 20 years).
• In Table 10-6, changed the device clock speed in STOP mode from 8MHz to 4MHz.
• In Table 10-12, changed the typical relaxation oscillator output frequency in Standby mode
from 400kHz to 200kHz.
• Changed input propagation delay values in Table 10-20 as follows:
Old values: 1
μs typical, 2 μs maximum
New values: 35 ns typical, 45 ns maximum
Rev. 2
• In Table 10-19, changed the maximum ADC internal clock frequency from 8MHz to
5.33MHz.
• Replaced the case outline schematics in Figure 11-2, Figure 11-3, and Figure 11-4.
Rev. 3
Added the following note to the description of the TMS signal in Table 2-3:
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
Rev. 4
• Changed the VBA register reset value and updated the footnote in Section 5.6.8.
• Changed the STANDBY > STOP IDD values in Table 10-6 as follows:
Typical: was 290
μA, is 540μA
Maximum: was 390
μA, is 650μA
• Changed the POWERDOWN IDD values in Table 10-6 as follows:
Typical: was 190
μA, is 440μA
Maximum: was 250
μA, is 550μA
• Changed footnote 1 in Table 10-12 (was “Output frequency after application of 8MHz trim
value, at 125°C.”, is “Output frequency after application of factory trim”).
• Deleted the text “at 125°C” from Figure 10-5.
• Changed the maximum input offset voltage in Table 10-20 (was +/- 20 mV, is ±35 mV).
Rev. 5
• In Table 2-3, change VCAP value from 4.7μF to 2.2μF.
• Revised Section 7, Security Features.
• Fixed miscellaneous typos.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com