Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8346 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F8346
Description  16-bit Digital Signal Controllers
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8346 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F8346 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
Signal Pins
56F8346 Technical Data, Rev. 15
Freescale Semiconductor
39
Preliminary
EXTBOOT
112
Schmitt
Input
Input,
pull-up
enabled
External Boot — This input is tied to VDD to force the device to
boot from off-chip memory (assuming that the on-chip Flash
memory is not in a secure state). Otherwise, it is tied to ground. For
details, see Table 4-4.
Note: When this pin is tied low, the customer boot software should
disable the internal pull-up resistor by setting the XBOOT bit of the
SIM_PUDR; see Part 6.5.6.
EMI_MODE
143
Schmitt
Input
Input,
pull-up
enabled
External Memory Mode — The EMI_MODE input is internally tied
low (to VSS). This device will boot from internal flash memory
under normal operation. This function is also affected by
EXTBOOT and the Flash security mode. For details, see
Table 4-4.
If a 20-bit address bus is not desired, then this pin is tied to ground.
Note: When this pin is tied low, the customer boot software should
disable the internal pull-up resistor by setting the EMI_MODE bit of
the SIM_PUDR; see Part 6.5.6.
Table 2-2 Signal and Package Information for the 144 Pin LQFP
Signal Name
Pin No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com