Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8346 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8346
Description  16-bit Digital Signal Controllers
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8346 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8346 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8346 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 178 page
background image
56F8346 Technical Data, Rev. 15
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 1.0
Pre-Release version, Alpha customers only
Rev 2.0
Initial Public Release
Rev 3.0
Corrected typo in Table 10-4, Flash Endurance is 10,000 cycles. Addressed additional
grammar issues.
Rev 4.0
Added “Typical Min” values to Table 10-16. Edited grammar, spelling, consistency of
language throughout family. Updated values in Current Consumption per Power Supply Pin,
Table 10-7, Regulator Parameters, Table 10-9, External Clock Operation Timing
Requirements Table 10-13, SPI Timing, Table 10-18, ADC Parameters, Table 10-24, and IO
Loading Coefficients at 10MHz, Table 10-25.
Rev 5.0
Added Part 4.8. Added the word “access” to FM Error Interrupt in Table 4-5. Removed min
and max numbers. Clarified CSBAR 0 and CSBAR 1 reset values in Table 4-10. Removed
min and max numbers, only documenting Typ. numbers for LVI in Table 10-6.
Rev 6.0
Updated numbers in Table 10-7 and Table 10-8 with more recent data. Corrected typo in
Table 10-3 in Pd characteristics.
Rev 7.0
Replaced any reference to Flash Interface Unit with Flash Memory Module. Added note to
VCAP pin in Table 2-2. Removed unneccessary notes in Table 10-12. Corrected temperature
range in Table 10-14. Added ADC calibration information to Table 10-24 and new graphs in
Figure 10-21.
Rev 8.0
Clarified Table 10-22. Corrected Digital Input Current Low (pull-up enabled) numbers in
Table 10-5. Removed text and Table 10-2. Replaced with note to Table 10-1.
Rev 9.0
Added 56F8146 information; edited to indicate differences in 56F8346 and 56F8146. Refor-
matted for Freescale look and feel. Updated Temperature Sensor and ADC tables, then
updated balance of electrical tables for consistency throughout family. Clarified I/O power
description in Table 2-2, added note to Table 10-7 and clarified Section 12.3.
Rev 10.0
Added output voltage maximum value and note to clarify in Table 10-1; also removed overall
life expectancy note, since life expectancy is dependent on customer usage and must be
determined by reliability engineering. Clarified value and unit measure for Maximum allowed
PD in Table 10-3. Corrected note about average value for Flash Data Retention in
Table 10-4. Added new RoHS-compliant orderable part numbers in Table 13-1.
Rev 11.0
Updated Table 10-24 to reflect new value for maximum Uncalibrated Gain Error
Rev 12.0
Deleted RSTO from Pin Group 2 (listed after Table 10-1). Deleted formula for Max Ambient
Operating Temperature (Automotive) and Max Ambient Operating Temperature (Industrial) in
Table 10-4. Added RoHS-compliance and “pb-free” language to back cover.
Rev 13.0
Updated JTAG ID in Section 6.5.4. Added information/corrected state during reset in
Table 2-2. Clarified external reference crystal frequency for PLL in Table 10-14 by increasing
maximum value to 8.4MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com