Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51312 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS51312
Description  Synchronous CPU Buck Controller for 12 V Only Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51312 Datasheet(HTML) 2 Page - ON Semiconductor

  CS51312 Datasheet HTML 1Page - ON Semiconductor CS51312 Datasheet HTML 2Page - ON Semiconductor CS51312 Datasheet HTML 3Page - ON Semiconductor CS51312 Datasheet HTML 4Page - ON Semiconductor CS51312 Datasheet HTML 5Page - ON Semiconductor CS51312 Datasheet HTML 6Page - ON Semiconductor CS51312 Datasheet HTML 7Page - ON Semiconductor CS51312 Datasheet HTML 8Page - ON Semiconductor CS51312 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CS51312
http://onsemi.com
2
Figure 1. Application Diagram, 12 V to 16 A High Performance Converter
FY10AAJ−03A
L1
1.2 μH
R4
0.004 Ω
COFF
COMP
VID0
VID1
VID2
VID3
VID4
VFB
GATE(H)
GATE(L)
GND
OVP
PWRGD
CS51312
VCC2
VOUT
VCC1
C19
1000 pF
C9
0.01 μF
R2
200
C10
1.0 μF
D2
ZM4746ACT−ND
R1
22 Ω
C1
1.0 μF
+
FY10AAJ−03A
FY10AAJ−03A
FY10AAJ−03A
D3
SS12GICT−ND
OVP
PWRGD
1
1
DAC
ENABLE
R3
10 k
12 V
12 V
220 μF
16SV220
C6
0.01 μF
Q1
Q4
Q2
Q3
D1
SS16GICT−ND
T510X477K006AS4394
+
+
+
+
C2 C3 C4
C11 C12 C13
C14 C15
470 μF
470 μF
1.25 V
to 3.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com