Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51312 Datasheet (PDF) - ON Semiconductor

CS51312 Datasheet PDF - ON Semiconductor
Part # CS51312
Download  CS51312 Download
File Size   552.0 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Synchronous CPU Buck Controller for 12 V Only Applications

CS51312 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51312 Datasheet PDF - ON Semiconductor

Part # CS51312
Download  CS51312 Click to download

File Size   552.0 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Synchronous CPU Buck Controller for 12 V Only Applications

CS51312 Datasheet (HTML) - ON Semiconductor


CS51312 Product details

Synchronous CPU Buck Controller for 12 V Only Applications

The CS51312 is a synchronous dual NFET Buck Regulator Controller. It is designed to power the core logic of the latest high performance CPUs and ASICs from a single 12 V input. It uses the V2™ control method to achieve the fastest possible transient response and best overall regulation. It incorporates many additional features required to ensure the proper operation and protection of the CPU and Power system. The CS51312 provides the industry’s most highly integrated solution, minimizing external component count, total solution size, and cost.

Features
• Synchronous Switching Regulator Controller for CPU VCORE
• Dual N−Channel MOSFET Synchronous Buck Design
• V2 Control Topology
• 200 ns Transient Loop Response
• 5−Bit DAC with 1.2% Tolerance
• Hiccup Mode Overcurrent Protection
• 40 ns Gate Rise and Fall Times (3.3 nF Load)
• 65 ns Adaptive FET Non−Overlap Time
• Adaptive Voltage Positioning
• Power Good Output Monitors Regulator Output
• 5.0 V/12 V or 12 V−Only Operation
• VCC Monitor Provides Undervoltage Lockout
• OVP Output Monitors Regulator Output
• Multifunctional COMP Pin Provides ENABLE, Soft Start, and Hiccup Timing in Addition to Control Loop Compensation




Similar Part No. - CS51312

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
Synchronous CPU Buck Controller for 12V Only Applications
Rev. 3/11/99
CS51312GD16 CHERRY-CS51312GD16 Datasheet
276Kb / 18P
Synchronous CPU Buck Controller for 12V Only Applications
Rev. 3/11/99
CS51312GDR16 CHERRY-CS51312GDR16 Datasheet
276Kb / 18P
Synchronous CPU Buck Controller for 12V Only Applications
Rev. 3/11/99
More results


Similar Description - CS51312

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
Synchronous CPU Buck Controller for 12V and 5V Applications
Rev. 3/11/99
CS51312 CHERRY-CS51312 Datasheet
276Kb / 18P
Synchronous CPU Buck Controller for 12V Only Applications
Rev. 3/11/99
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5150 ONSEMI-CS5150 Datasheet
631Kb / 18P
CPU 4?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS51311 ONSEMI-CS51311 Datasheet
539Kb / 21P
Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com