Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51312 Datasheet (PDF) - Cherry Semiconductor Corporation

CS51312 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS51312
Download  CS51312 Download
File Size   276.02 Kbytes
Page   18 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Synchronous CPU Buck Controller for 12V Only Applications

CS51312 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS51312 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS51312
Download  CS51312 Click to download

File Size   276.02 Kbytes
Page   18 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Synchronous CPU Buck Controller for 12V Only Applications

CS51312 Datasheet (HTML) - Cherry Semiconductor Corporation


CS51312 Product details

Description
The CS51312 is a synchronous dual NFET Buck Regulator Controller. It is designed to power the core logic of the latest high performance CPUs and ASICs from a single 12V input. It uses the V2TM control method to achieve the fastest possible transient response and best overall regulation. It incorporates many additional features required to ensure the proper operation and protection of the CPU and Power system. The CS51312 provides the industry’s most highly integrated solution, minimizing external component count, total solution size, and cost.

Features
■ Synchronous Switching Regulator Controller for CPU VCORE
■ Dual N-Channel MOSFET Synchronous Buck Design
■ V2TM Control Topology
■ 200ns Transient Loop Response
■ 5 bit DAC with 1.2% Tolerance
■ Hiccup Mode Overcurrent Protection
■ 40ns Gate Rise and Fall Times (3.3nF load)
■ 65ns Adaptive FET Non-overlap Time
■ Adaptive Voltage Positioning
■ Power-Good Output Monitors Regulator Output
■ 5V/12V or 12V-only Operation
■ VCC Monitor Provides Under Voltage Lockout
■ OVP Output Monitors Regulator Output
■ Multifunction COMP Pin Provides ENABLE, Soft Start, and Hiccup Timing in Addition to Control Loop Compensation




Similar Part No. - CS51312

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51312 ONSEMI-CS51312 Datasheet
552Kb / 22P
Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
CS51312GD16 ONSEMI-CS51312GD16 Datasheet
552Kb / 22P
Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
CS51312GDR16 ONSEMI-CS51312GDR16 Datasheet
552Kb / 22P
Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
More results


Similar Description - CS51312

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51311 CHERRY-CS51311 Datasheet
239Kb / 19P
Synchronous CPU Buck Controller for 12V and 5V Applications
Rev. 3/11/99
CS5150 CHERRY-CS5150 Datasheet
236Kb / 14P
CPU 4-Bit Synchronous Buck Controller
Rev. 1/4/99
CS5157 CHERRY-CS5157 Datasheet
316Kb / 14P
CPU 5-Bit Synchronous Buck Controller
Rev. 12/31/98
logo
ON Semiconductor
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS51311 ONSEMI-CS51311 Datasheet
539Kb / 21P
Synchronous CPU Buck Controller for 12 V and 5.0 V Applications
July, 2006 ??Rev. 3
CS51312 ONSEMI-CS51312 Datasheet
552Kb / 22P
Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Excelliance MOS Corp.
EM5301F EXCELLIANCE-EM5301F Datasheet
487Kb / 12P
12V Synchronous Buck PWM Controller
EM5305 EXCELLIANCE-EM5305 Datasheet
556Kb / 12P
12V Synchronous Buck controller
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com