Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51312 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS51312
Description  Synchronous CPU Buck Controller for 12V Only Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51312 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS51312 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS51312 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Absolute Maximum Ratings
Pin Symbol
Pin Name
VMAX
VMIN
ISOURCE
ISINK
Operating Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Lead Temperature Soldering
Reflow (SMD styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .60 sec. max above 183°C, 230°C peak
Storage Temperature Range, TS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65° to 150°C
ESD Susceptibility . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
VCC1
IC Bias and Low Side Driver
16V
-0.3V
N/A
1.5A Peak
Power Input
200mA
VCC2
IC High Side Driver Power Input
20V
-0.3V
N/A
1.5A Peak
200mA
COMP
Compensation Pin
6V
-0.3V
1mA
5mA
VFB, VOUT, VID0-4
Voltage Feedback Input, Output
6V
-0.3V
1mA
1mA
Voltage Sense Pin, Voltage
ID DAC Inputs
COFF
Off-Time Pin
6V
-0.3V
1mA
50mA
GATE(H)
High-Side FET Driver
20V
-0.3V DC
1.5APeak
1.5A Peak
GATE(L)
Low-Side FET Driver
16V
200mA DC 200mA DC
PWRGD
Power-Good Output
6V
-0.3V
1mA
30mA
OVP
Overvoltage Protection
15V
-0.3V
30mA
1mA
Gnd
Ground
0V
0V
1.5A Peak
N/A
200mA DC
1,2,3,4,5
VIDO – VID4
Voltage ID DAC inputs. These pins are internally pulled up to
5.65V if left open. VID4 selects the DAC range. When VID4 is
high (logic one), the Error Amp reference range is 2.125V to
3.525V with 100mV increments. When VID4 is low (logic zero),
the Error amp reference voltage is 1.325V to 2.075V with 50mV
increments.
6VFB
Error amp inverting input, PWM comparator non-inverting
input, current limit comparator non-inverting input, PWRGD
and OVP comparator input.
7VOUT
Current limit comparator inverting input.
8VCC1
Input power supply pin for the internal circuitry and low side
gate driver. Decouple with filter capacitor to Gnd.
9VCC2
Input power supply pin for the high side gate driver.
Decouple with filter capacitor to Gnd.
10
GATE(H)
High side switch FET driver pin .
11
Gnd
Ground pin and IC substrate connection.
12
GATE(L)
Low side synchronous FET driver pin.
13
OVP
Overvoltage protection pin. Drives high when overvoltage
condition is detected on VFB.
14
PWRGD
Power-Good Output. Open collector output drives low when
VFB is out of regulation.
15
COFF
Off-Time Capacitor Pin. A capacitor from this pin to Gnd sets
the off time for the regulator
16
COMP
Error amp output. PWM comparator inverting input.
A capacitor on this pin provides error amp compensation, and
determines the Soft Start and hiccup timing. Pulling COMP
below 1.1V (typ) turns off both GATE drivers and shuts down
the regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com