Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51312GD16 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS51312GD16
Description  Synchronous CPU Buck Controller for 12 V Only Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51312GD16 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS51312GD16 Datasheet HTML 9Page - ON Semiconductor CS51312GD16 Datasheet HTML 10Page - ON Semiconductor CS51312GD16 Datasheet HTML 11Page - ON Semiconductor CS51312GD16 Datasheet HTML 12Page - ON Semiconductor CS51312GD16 Datasheet HTML 13Page - ON Semiconductor CS51312GD16 Datasheet HTML 14Page - ON Semiconductor CS51312GD16 Datasheet HTML 15Page - ON Semiconductor CS51312GD16 Datasheet HTML 16Page - ON Semiconductor CS51312GD16 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CS51312
http://onsemi.com
13
Figure 13. Adaptive FET Non−Overlap (100 ns/div)
Channel 1 − GATE(H) (5.0 V/div)
Channel 2 − GATE(L) (5.0 V/div)
Channel 3 − Inductor Switching Node (10 V/div)
CS51312−BASED VCC(CORE) BUCK REGULATOR
DESIGN EXAMPLE
Step 1: Definition of the Design Specifications
The output voltage tolerance can be affected by any or all
of the following reasons:
1. buck regulator output voltage setpoint accuracy;
2. output voltage change due to discharging or charging
of the bulk decoupling capacitors during a load
current transient;
3. output voltage change due to the ESR and ESL of the
bulk and high frequency decoupling capacitors,
circuit traces, and vias;
4. output voltage ripple and noise.
Budgeting the tolerance is left up to the designer who must
take into account all of the above effects and provide an
output voltage that will meet the specified tolerance at the
load.
The designer must also ensure that the regulator
component temperatures are kept within the manufacturer’s
specified ratings at full load and maximum ambient
temperature..
Step 2: Selection of the Output Capacitors
These components must be selected and placed carefully
to yield optimal results. Capacitors should be chosen to
provide acceptable ripple on the regulator output voltage.
Key specifications for output capacitors are their ESR
(Equivalent Series Resistance), and ESL (Equivalent Series
Inductance). For best transient response, a combination of
low value/high frequency and bulk capacitors placed close
to the load will be required.
In order to determine the number of output capacitors the
maximum voltage transient allowed during load transitions
has to be specified. The output capacitors must hold the
output voltage within these limits since the inductor current
can not change with the required slew rate. The output
capacitors must therefore have a very low ESL and ESR.
The voltage change during the load current transient is:
DVOUT + DIOUT
ESL
Dt )
ESR ) tTR
COUT
where:
ΔIOUT / Δt = load current slew rate;
ΔIOUT = load transient;
Δt = load transient duration time;
ESL = Maximum allowable ESL including capacitors,
circuit traces, and vias;
ESR = Maximum allowable ESR including capacitors and
circuit traces;
tTR = output voltage transient response time.
The designer has to independently assign values for the
change in output voltage due to ESR, ESL, and output
capacitor discharging or charging. Empirical data indicates
that most of the output voltage change (droop or spike
depending on the load current transition) results from the
total output capacitor ESR.
The maximum allowable ESR can then be determined
according to the formula
ESRMAX + D
VESR
DIOUT
where ΔVESR = change in output voltage due to ESR
(assigned by the designer).
Once the maximum allowable ESR is determined, the
number of output capacitors can be found by using the
formula
Number of capacitors +
ESRCAP
ESRMAX
where:
ESRCAP = maximum ESR per capacitor (specified in
manufacturer’s data sheet);
ESRMAX = maximum allowable ESR.
The actual output voltage deviation due to ESR can then
be verified and compared to the value assigned by the
designer:
DVESR + DIOUT
ESRMAX
Similarly, the maximum allowable ESL is calculated from
the following formula:
ESLMAX + D
VESL
Dt
DI
where:
ΔI/ΔT = load current slew rate (as high as 20 A/μs);
ΔVESL = change in output voltage due to ESL.
The actual maximum allowable ESL can be determined
by using the equation:
ESLMAX +
ESLCAP
Number of output capacitors
where ESLCAP = maximum ESL per capacitor (it is
estimated that a 10 × 12 mm Aluminum Electrolytic
capacitor has approximately 4.0 nH of package inductance).
The actual output voltage deviation due to the actual
maximum ESL can then be verified:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com