Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS51312GD16 Datasheet(PDF) 21 Page - ON Semiconductor

Part # CS51312GD16
Description  Synchronous CPU Buck Controller for 12 V Only Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51312GD16 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button CS51312GD16 Datasheet HTML 14Page - ON Semiconductor CS51312GD16 Datasheet HTML 15Page - ON Semiconductor CS51312GD16 Datasheet HTML 16Page - ON Semiconductor CS51312GD16 Datasheet HTML 17Page - ON Semiconductor CS51312GD16 Datasheet HTML 18Page - ON Semiconductor CS51312GD16 Datasheet HTML 19Page - ON Semiconductor CS51312GD16 Datasheet HTML 20Page - ON Semiconductor CS51312GD16 Datasheet HTML 21Page - ON Semiconductor CS51312GD16 Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CS51312
http://onsemi.com
21
Figure 16. Additional Application Circuit, 5.0 V/12 V to 2.0 V/19 A Converter
1.2 μH
3.3 mΩ
COMP
VID0
VID1
VID2
VID3
VID4
GATE(H)
GATE(L)
VFB
VOUT
OVP
CS51312
VCC1
PWRGD
VCC2
10 k
+12 V
FS70VSJ−03
FS70VSJ−03
GND
PWRGD
OVP
COFF
0.1 μF
0.01 μF
100 Ω
680 pF
1.0 μF
+5.0 V
1200 μF/10 V × 3
510 Ω
510 Ω
0.1 μF
1200 μF/10 V × 5
VCC(CORE)
2.0 V @ 19 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com