Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151D2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8151D2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2G Datasheet(HTML) 5 Page - ON Semiconductor

  CS8151D2G Datasheet HTML 1Page - ON Semiconductor CS8151D2G Datasheet HTML 2Page - ON Semiconductor CS8151D2G Datasheet HTML 3Page - ON Semiconductor CS8151D2G Datasheet HTML 4Page - ON Semiconductor CS8151D2G Datasheet HTML 5Page - ON Semiconductor CS8151D2G Datasheet HTML 6Page - ON Semiconductor CS8151D2G Datasheet HTML 7Page - ON Semiconductor CS8151D2G Datasheet HTML 8Page - ON Semiconductor CS8151D2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CS8151
http://onsemi.com
5
PACKAGE PIN DESCRIPTION
Package Pin #
Pin
Symbol
Function
SO−14L
D2PAK
SO−16L
7
1
8
VOUT
Regulated output voltage 5.0 V ± 2%.
8
2
9
VIN
Supply voltage to the IC.
9
3
11
WDI
CMOS/TTL compatible input lead. The Watchdog function monitors the falling
edge of the incoming signal.
3−5,
10−12
4
4, 5, 6, 12, 13*
GND
Ground connection.
13
5
14
Wake Up
CMOS/TTL compatible output consisting of a continuously generated signal used
to Wake Up the microprocessor from sleep mode.
14
6
15
RESET
CMOS/TTL compatible output lead RESET goes low whenever VOUT drops by
more than 6.0% from nominal, or during the absence of a correct watchdog
signal.
1
7
16
Delay
Input lead from timing capacitor for RESET and Wake Up signal.
6
−
7
Sense
Kelvin connection which allows remote sensing of the output voltage for im-
proved regulation. If remote sensing is not required, connect to VOUT.
*Pin 6 GND is not directly shorted to the fused paddle GND. The fused paddle GND (pins 4, 5, 12, 13) is connected through the substrate.
Pin 6 must be electrically connected to at least one of the fused paddle GND’s on the PC board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com