Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8151D2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS8151D2G
Description  5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8151D2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS8151D2G Datasheet HTML 6Page - ON Semiconductor CS8151D2G Datasheet HTML 7Page - ON Semiconductor CS8151D2G Datasheet HTML 8Page - ON Semiconductor CS8151D2G Datasheet HTML 9Page - ON Semiconductor CS8151D2G Datasheet HTML 10Page - ON Semiconductor CS8151D2G Datasheet HTML 11Page - ON Semiconductor CS8151D2G Datasheet HTML 12Page - ON Semiconductor CS8151D2G Datasheet HTML 13Page - ON Semiconductor CS8151D2G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CS8151
http://onsemi.com
10
PACKAGE THERMAL DATA
Parameter
D2PAK−7
SOIC−14
SOIC−16
Unit
RqJC
Typical
1.8
23**
18
°C/W
RqJA
Typical
10−50*
116
75
°C/W
*Depending on thermal properties of substrate. RqJA = RqJC + RqCA.
**Junction−Lead (#5)
Figure 11. Application Diagram
VIN
CDelay
VOUT
WDI
RESET
GND
CS8151
Microprocessor
Wake Up
CDelay
C1
C2
VCC
I/O
RESET
I/O
Battery
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 12. CS8151 Output Stability
with Output Capacitor Change
1000
100
10
1
0.1
0.01
0
10
2030
4050
100
IOUT OUTPUT CURRENT (mA)
CVOUT = 47 mF
60
70
80
90
Unstable Region
Stable Region
CVOUT = 1 mF
CVOUT = 10 mF
CVOUT = 47 mF
CVOUT = 1 mF
Unstable Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com