Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510WCACDG6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM6510WCACDG6F
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510WCACDG6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM6510WCACDG6F Datasheet HTML 18Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 19Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 20Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 21Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 22Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 23Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 24Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 25Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
STM6510
22/26
Doc ID 16788 Rev 2
Figure 16.
Tape trailer/leader
Figure 17.
Pin 1 orientation
Note:
1
Drawings are not to scale.
2
All dimensions are in mm, unless otherwise noted.
LE A D E R
TR A I L E R
100 mm min.
Start
160 mm min.
400 mm min.
End
AM00444
Top
cover
tape
User direction of feed
Sealed with cover tape
No components
No components
Components
AM00442
User direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com