Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510WCACDG6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM6510WCACDG6F
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510WCACDG6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM6510WCACDG6F Datasheet HTML 18Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 19Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 20Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 21Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 22Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 23Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 24Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 25Page - STMicroelectronics STM6510WCACDG6F Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STM6510
Part numbering
Doc ID 16788 Rev 2
23/26
6
Part numbering
Table 12.
Ordering information scheme
For device options currently available refer to Table 13. For other options, voltage threshold values etc. or
for more information on any aspect of this device, please contact the ST sales office nearest you.
Example:
STM6510
W
C
A
C
DG
6
F
Device type
STM6510
Reset (VCC monitoring threshold) voltage VRST
L = 4.625 V (typ., falling)
M = 4.375 V
T = 3.075 V
S = 2.925 V
R = 2.625 V
Z = 2.313 V
Y = 2.188 V
W = 1.665 V
V = 1.575 V
Smart Reset™ setup delay control (tSRC); presence of internal input pull-up on all
Smart Reset™ inputs (SR0, SR1)
C = 1 to 15 s, user-programmable (external capacitor); 65 k
Ω input pull-up
Output type
A = open-drain, active-low
Reset timeout period (tREC)
C = user-programmable (external capacitor)
Package
DG = TDFN8 - 2 x 2 x 0.75 mm, 0.5 mm pitch
Temperature range
6 = –40 °C to +85 °C
Shipping method
F = ECOPACK® package, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com