Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510LCACDG6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM6510LCACDG6F
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510LCACDG6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM6510LCACDG6F Datasheet HTML 12Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 13Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 14Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 15Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 16Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 17Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 18Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 19Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
DC and AC parameters
STM6510
16/26
Doc ID 16788 Rev 2
Table 7.
Possible VCC voltage thresholds
VCC voltage
threshold VRST
Typ.
±2.5% (–40 °C to +85 °C)
±2.0% (25 °C)
Unit
Min.
Max.
Min.
Max.
L (falling)
4.625
4.509
4.741
4.533
4.718
V
M (falling)
4.375
4.266
4.484
4.288
4.463
V
T (falling)
3.075
2.998
3.152
3.014
3.137
V
S (falling)
2.925
2.852
2.998
2.867
2.984
V
R (falling)
2.625
2.559
2.691
2.573
2.678
V
Z (falling)
2.313
2.255
2.371
2.267
2.359
V
Y (falling)
2.188
2.133
2.243
2.144
2.232
V
W (falling)
1.665
1.623
1.707
1.632
1.698
V
V (falling)
1.575
1.536
1.614
1.544
1.607
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com