Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6510LCACDG6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM6510LCACDG6F
Description  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510LCACDG6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM6510LCACDG6F Datasheet HTML 15Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 16Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 17Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 18Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 19Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 20Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 21Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 22Page - STMicroelectronics STM6510LCACDG6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STM6510
Package mechanical data
Doc ID 16788 Rev 2
19/26
Figure 13.
Landing pattern - TDFN – 8-lead 2 x 2 mm without thermal pad
Table 9.
Parameter for landing pattern - TDFN – 8-lead 2 x 2 mm package
Parameter
Description
Dimension (mm)
Min.
Nom.
Max.
L
Contact length
1.05
—
1.15
b
Contact width
0.25
—
0.30
E
Max. land pattern Y-direction
—
2.75
—
E1
Contact gap spacing
—
0.65
—
D
Max. land pattern X-direction
—
1.75
—
P
Contact pitch
—
0.5
—
AM00441
D
P
E1
E
L
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com