Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDR0502B Datasheet(PDF) 1 Page - ON Semiconductor

Part # ESDR0502B
Description  Transient Voltage Suppressor ESD Protection Diodes with Ultra?묹ow Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDR0502B Datasheet(HTML) 1 Page - ON Semiconductor

  ESDR0502B Datasheet HTML 1Page - ON Semiconductor ESDR0502B Datasheet HTML 2Page - ON Semiconductor ESDR0502B Datasheet HTML 3Page - ON Semiconductor ESDR0502B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2010
June, 2010 − Rev. 0
1
Publication Order Number:
ESDR0502B/D
ESDR0502B
Transient Voltage Suppressor
ESD Protection Diodes with Ultra−Low
Capacitance
The ESDR0502B is designed to protect voltage sensitive
components from damage due to ESD in applications that require ultra
low capacitance to preserve signal integrity. Excellent clamping
capability, low leakage and fast response time are combined with an
ultra low diode capacitance of 0.5 pF to provide best in class
protection from IC damage due to ESD. The small SC−75 package is
ideal for designs where board space is at a premium. The ESDR0502B
can be used to protect two uni−directional lines or one bi−directional
line. When used to protect one bi−directional line, the effective
capacitance is 0.25 pF. Because of its low capacitance, it is well suited
for protecting high frequency signal lines such as USB2.0 high speed
and antenna line applications.
Specification Features:
• Low Capacitance 0.5 pF Typical
• Low Clamping Voltage
• Small Body Outline Dimensions:
0.063” x 0.063” (1.60 mm x 1.60 mm)
• Low Body Height: 0.031″ (0.8 mm)
• Stand−off Voltage: 5 V
• Low Leakage
• Response Time is Typically < 1.0 ns
• IEC61000−4−2 Level 4 ESD Protection
• This is a Pb−Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
±8.0
kV
Peak Surge Power
(8 x 20 ms)
Ppk
20
W
Peak Surge Current
(8 x 20 ms)
Ipp
2.0
A
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
PD
150
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +150
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
See Application Note AND8308/D for further description of survivability specs.
Device
Package
Shipping†
ORDERING INFORMATION
ESDR0502BT1G
SC−75
(Pb−Free)
3000/Tape & Reel
See specific marking information in the device marking
column of the Electrical Characteristics tables starting on
page 2 of this data sheet.
DEVICE MARKING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
1
3
2
PIN 1. CATHODE
2. CATHODE
3. ANODE
SC−75
CASE 463
STYLE 4
MARKING
DIAGRAM
1 2
3
AD
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.
AD M G
G
1


Similar Part No. - ESDR0502B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDR0502B ONSEMI-ESDR0502B Datasheet
91Kb / 4P
Transient Voltage Suppressor
December, 2016 ??Rev. 4
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
91Kb / 4P
Transient Voltage Suppressor
December, 2016 ??Rev. 4
ESDR0502BT1G ONSEMI-ESDR0502BT1G Datasheet
234Kb / 5P
Ultra−Low Capacitance
February, 2024 - Rev. 6
ESDR0502B ONSEMI-ESDR0502B_16 Datasheet
91Kb / 4P
Transient Voltage Suppressor
December, 2016 ??Rev. 4
More results

Similar Description - ESDR0502B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7L5.0DT5G ONSEMI-ESD7L5.0DT5G Datasheet
136Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
October, 2008 ??Rev. 3
ESD7M5.0DT5G ONSEMI-ESD7M5.0DT5G Datasheet
136Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
December, 2008 ??Rev. 3
ESD9L3.3ST5G ONSEMI-ESD9L3.3ST5G Datasheet
141Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
November, 2009 ??Rev. 3
ESD9P5.0ST5G ONSEMI-ESD9P5.0ST5G Datasheet
139Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
May, 2010 ??Rev. 0
logo
WILLAS ELECTRONIC CORP
SESD5L5.0T1 WILLAS-SESD5L5.0T1 Datasheet
363Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD8L5.0T5G LRC-LESD8L5.0T5G Datasheet
587Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
LESD5L3.3T1G LRC-LESD5L3.3T1G Datasheet
560Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
LESD5L5.0CT1G LRC-LESD5L5.0CT1G Datasheet
577Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
LESD5L5.0T1G LRC-LESD5L5.0T1G Datasheet
334Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
First Silicon Co., Ltd
FTV05LBE FS-FTV05LBE Datasheet
713Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com