Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDR0502B Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESDR0502B
Description  Transient Voltage Suppressor ESD Protection Diodes with Ultra?묹ow Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDR0502B Datasheet(HTML) 2 Page - ON Semiconductor

  ESDR0502B Datasheet HTML 1Page - ON Semiconductor ESDR0502B Datasheet HTML 2Page - ON Semiconductor ESDR0502B Datasheet HTML 3Page - ON Semiconductor ESDR0502B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ESDR0502B
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @ VR = 0 and f = 1.0 MHz
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.1 V Max. @ IF = 10 mA for all types)
Device
Device
Marking
VRWM
(V)
IR (mA)
@ VRWM
VBR (V)
@ IT
(Note 2)
IT
C (pF),
uni−directional
(Note 3)
C (pF),
bi−directional
(Note 4)
VC (V)
@ IPP = 1 A
(Note 5)
VC
Max
Max
Min
mA
Typ
Max
Typ
Max
Max
Per
IEC61000−
4−2
(Note 6)
ESDR0502B
AD
5.0
1.0
5.8
1.0
0.5
0.9
0.25
0.45
15
Figures 1
and 2
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
3. Uni−directional capacitance at f = 1 MHz, VR = 0 V, TA = 25°C (pin1 to pin 3; pin 2 to pin 3).
4. Bi−directional capacitance at f = 1 MHz, VR = 0 V, TA = 25°C (pin1 to pin 2).
5. Surge current waveform per Figure 5.
6. Typical waveform. For test procedure see Figures 3 and 4 and Application Note AND8307/D.
Figure 1. ESD Clamping Voltage Screenshot
Positive 8 kV contact per IEC 61000−4−2
Figure 2. ESD Clamping Voltage Screenshot
Negative 8 kV contact per IEC 61000−4−2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com