Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC8050 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # MOC8050
Description  PHOTODARLINGTON OPTOCOUPLERS Preliminary
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MOC8050 Datasheet(HTML) 1 Page - QT Optoelectronics

  MOC8050 Datasheet HTML 1Page - QT Optoelectronics MOC8050 Datasheet HTML 2Page - QT Optoelectronics MOC8050 Datasheet HTML 3Page - QT Optoelectronics MOC8050 Datasheet HTML 4Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
FEATURES
• High BVCEO
-Minimum 80 V
• High current transfer ratio
-300% (MOC8030)
-500% (MOC8050)
• No base connection for improved noise immunity
• Underwriters Laboratory (UL) recognized File# E90700
DESCRIPTION
The MOC8030 and MOC8050 are photodarlington-type optically
coupled optocouplers. The devices have a gallium arsenide infrared
emitting diode coupled with a silicon darlington phototransistor.
3/13/00
200035A
PHOTODARLINGTON OPTOCOUPLERS
Preliminary
(NO BASE CONNECTION)
MOC8030
MOC8050
Parameter
Symbol
Value
Units
TOTAL DEVICE
TSTG
-55 to +150
°C
Storage Temperature
Operating Temperature
TOPR
-55 to +100
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
Total Device Power Dissipation @ TA = 25°C
PD
250
mW
Derate above 25°C
2.94
mW/°C
Input-Output Isolation Voltage
VISO
5300
Vac(rms)
EMITTER
IF
60
mA
DC/Average Forward Input Current
Reverse Input Voltage
VR
3V
LED Power Dissipation @ TA = 25°C
PD
120
mW
Derate above 25°C
1.41
mW/°C
DETECTOR
VCEO
80
V
Collector-Emitter Voltage
Detector Power Dissipation @ TA = 25°C
PD
150
mW
Derate above 25°C
1.76
mW/°C
Continuous Collector Current
IC
150
mA
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C Unless otherwise specified.)
PACKAGE DIMENSIONS
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.350 (8.89)
0.330 (8.38)
0.270 (6.86)
0.240 (6.10)
PIN 1
ID.
0.022 (0.56)
0.016 (0.41)
0.070 (1.78)
0.045 (1.14)
0.200 (5.08)
0.115 (2.92)
0.300 (7.62)
TYP
0° to 15°
0.154 (3.90)
0.100 (2.54)
0.016 (0.40)
0.008 (0.20)
NOTE
All dimensions are in inches (millimeters)
APPLICATIONS
• Appliances, measuring instruments
• I/O interface for computers
• Programmable controllers
• Portable electronics
• Interfacing and coupling systems of
different potentials and impedance
• Solid state relays
EMITTER
COLLECTOR
1
2
3
ANODE
CATHODE
4
5
6 N/C
N/C


Similar Part No. - MOC8050

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
Siemens Semiconductor G...
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Fairchild Semiconductor
MOC8050 FAIRCHILD-MOC8050 Datasheet
84Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8050 ISOCOM-MOC8050 Datasheet
65Kb / 2P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Fairchild Semiconductor
MOC8050M FAIRCHILD-MOC8050M Datasheet
259Kb / 9P
Photodarlington Optocoupler (No Base Connection)
More results

Similar Description - MOC8050

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS
H11B815 QT-H11B815 Datasheet
53Kb / 4P
4-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
List of Unclassifed Man...
MCA11G1 ETC1-MCA11G1 Datasheet
139Kb / 4P
HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
High Voltage Photodarlington Optocouplers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com