Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC8050 Datasheet (PDF) - Siemens Semiconductor Group

MOC8050 Datasheet PDF - Siemens Semiconductor Group
Part # MOC8050
Download  MOC8050 Download
File Size   46.38 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON OPTOCOUPLER

MOC8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC8050 Datasheet PDF - Siemens Semiconductor Group

Part # MOC8050
Download  MOC8050 Click to download

File Size   46.38 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON OPTOCOUPLER

MOC8050 Datasheet (HTML) - Siemens Semiconductor Group


MOC8050 Product details

DESCRIPTION
The MOC8050 is an optically coupled isolator with a Gallium Arsenide infrared emitter and a silicon photodarlington sensor. Switching can be achieved while maintaining a high degree of isolation between driving and load circuits, with no cross talk between channels. These optocouplers can be used to replace reed and mercury relays with advantages of long life, high speed switching and elimination of magnetic fields.

FEATURES
• High Current Transfer Ratio 500% at 50 mA Output
• High Collector to Emitter Breakdown Voltage: 80 V Min.
• High Isolation Voltage VISO=5300 VACRMS
• Base Lead Not Connected
• Solid State Reliability
• Standard DIP Package
• Underwriters Lab File #E52744
• VDE 0884 Availablle with Option 1




Similar Part No. - MOC8050

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
QT Optoelectronics
MOC8050 QT-MOC8050 Datasheet
53Kb / 4P
PHOTODARLINGTON OPTOCOUPLERS Preliminary
logo
Fairchild Semiconductor
MOC8050 FAIRCHILD-MOC8050 Datasheet
84Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8050 ISOCOM-MOC8050 Datasheet
65Kb / 2P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Fairchild Semiconductor
MOC8050M FAIRCHILD-MOC8050M Datasheet
259Kb / 9P
Photodarlington Optocoupler (No Base Connection)
More results


Similar Description - MOC8050

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MCA230 SIEMENS-MCA230 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com