Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL66B Datasheet (PDF) - Siemens Semiconductor Group

IL66B Datasheet PDF - Siemens Semiconductor Group
Part # IL66B
Download  IL66B Download
File Size   37.91 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON OPTOCOUPLER

IL66B Datasheet (PDF)

Go To PDF Page Download Datasheet
IL66B Datasheet PDF - Siemens Semiconductor Group

Part # IL66B
Download  IL66B Click to download

File Size   37.91 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON OPTOCOUPLER

IL66B Datasheet (HTML) - Siemens Semiconductor Group


IL66B Product details

DESCRIPTION
The IL66B is an optically coupled isolator employing a Gallium Arsenide infrared emitter and a silicon photodarlington detector. Switching can be accomplished while maintaining a high degree of isolation between driving and load circuits. They can be used to replace reed and mercury relays with advantages of long life, high speed switching and elimination of magnetic fields.

FEATURES
• Internal RBE for High Stability
• High Current Transfer Ratio at IF=2 mA, VCE=5 V
    IL66B-1, 200% min.
    IL66B-2, 750% min.
• Withstand Test Voltage, 5300 VACRMS
• No Base Connection
• High Isolation Resistance
• Standard Plastic DIP Package
• Underwriters Lab Approval #E52744
• VDE 0884 Available with Option 1




Similar Part No. - IL66B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL66B VISHAY-IL66B Datasheet
114Kb / 5P
Optocoupler, Photodarlington Output, With Internal RBE
26-Oct-04
IL66B VISHAY-IL66B Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL66B-1 VISHAY-IL66B-1 Datasheet
114Kb / 5P
Optocoupler, Photodarlington Output, With Internal RBE
26-Oct-04
IL66B-1 VISHAY-IL66B-1 Datasheet
112Kb / 6P
Optocoupler, Photodarlington Output, with Internal RBE
09-Nov-05
IL66B-1X006 VISHAY-IL66B-1X006 Datasheet
114Kb / 5P
Optocoupler, Photodarlington Output, With Internal RBE
26-Oct-04
More results


Similar Description - IL66B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL66 SIEMENS-IL66 Datasheet
74Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MCA230 SIEMENS-MCA230 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com