Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL66 Datasheet (PDF) - Siemens Semiconductor Group

IL66 Datasheet PDF - Siemens Semiconductor Group
Part # IL66
Download  IL66 Download
File Size   74.2 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON OPTOCOUPLER

IL66 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL66 Datasheet PDF - Siemens Semiconductor Group

Part # IL66
Download  IL66 Click to download

File Size   74.2 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON OPTOCOUPLER

IL66 Datasheet (HTML) - Siemens Semiconductor Group


IL66 Product details

DESCRIPTION
IL66, ILD66, and ILQ66 are optically coupled isolators employing Gallium Arsenide infrared emitters and silicon photodarlington detectors. Switching can be accomplished while maintaining a high degree of isolation between driving and load circuits, with no crosstalk between channels.

FEATURES
• Internal RBE for High Stability
• Current Transfer Ratio is Tested at 2.0 mA and 0.7 mA Input IL/ILD/ILQ66 Series:
    - 1, 100% min. at IF=2 mA, VCE=10 V
    - 2, 300% min. at IF=2 mA, VCE=10 V
    - 3, 400% min. at IF=0.7 mA, VCE=10 V
    - 4, 500% min. at IF=2 mA, VCE=5 V
• Four Available CTR Categories per Package Type
• BVCEO>60 V
• Standard DIP Packages
• Underwriters Lab File #E52744
• VDE 0884 Available with Option 1




Similar Part No. - IL66

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL66 VISHAY-IL66 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-1 VISHAY-IL66-1 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-2 VISHAY-IL66-2 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-3 VISHAY-IL66-3 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
IL66-4 VISHAY-IL66-4 Datasheet
681Kb / 9P
Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
13-Dec-07
More results


Similar Description - IL66

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
4N32 SIEMENS-4N32 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
IL55B SIEMENS-IL55B Datasheet
51Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
IL66B SIEMENS-IL66B Datasheet
37Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
ILD32 SIEMENS-ILD32 Datasheet
50Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MCA230 SIEMENS-MCA230 Datasheet
44Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
MOC8050 SIEMENS-MOC8050 Datasheet
46Kb / 2P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
Optocoupler, Photodarlington Output
26-Oct-04
K851P VISHAY-K851P Datasheet
129Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
Optocoupler, Photodarlington Output
24-Sep-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com